Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19035 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP19035_13 Datasheet HTML 28Page - Microchip Technology MCP19035_13 Datasheet HTML 29Page - Microchip Technology MCP19035_13 Datasheet HTML 30Page - Microchip Technology MCP19035_13 Datasheet HTML 31Page - Microchip Technology MCP19035_13 Datasheet HTML 32Page - Microchip Technology MCP19035_13 Datasheet HTML 33Page - Microchip Technology MCP19035_13 Datasheet HTML 34Page - Microchip Technology MCP19035_13 Datasheet HTML 35Page - Microchip Technology MCP19035_13 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
6.0.10
SCHEMATIC AND BILL OF MATERIALS
FIGURE 6-4:
Schematic Diagram.
SHDN
1
FB
2
COMP
3
VIN
4
PWRGD
5
VCC
6
LDRV
7
BOOT
8
PHASE
9
HDRV
10
U1
MCP19035
Q1
MCP87050
Q2
MCP87022
PGND
PGND
PGND
SGND
PGND
PGND
SGND
PGND
PGND
1.5
PH
L1
10k
R2
1M
R5
6.8nF
C2
20k
R1
22
PF
C10
22
PF
C11
100
PF
C7
100
PF
C8
100
PF
C9
4.7
PF
C13
1
PF
C12
J1
J2
1.2nF
C1
750
R3
8.2k
R4
68pF
C3
VIN
VOUT
100
PF
C5
100
PF
C6
100k
R6
0.33
PF
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com