Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19035T-BAABE/MF Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP19035T-BAABE/MF
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035T-BAABE/MF Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP19035T-BAABE/MF Datasheet HTML 23Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 24Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 25Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 26Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 27Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 28Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 29Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 30Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
 2012-2013 Microchip Technology Inc.
DS22326B-page 27
MCP19035
6.0
DESIGN EXAMPLE
This example illustrates the step-by-step design proce-
dure for a 12V to 1.8V synchronous buck converter
using the MCP19035 controller. To minimize the design
effort, Microchip provides a design tool that is used to
calculate the component values. See AN1452 - “Using
the MCP19035 Synchronous Buck Converter Design
Tool”
for further details (DS01452).
The electrical parameters are detailed in Table 6-1.
6.0.1
INDUCTOR SELECTION
The inductor must be sized for a typical ripple current
that is around 30% of maximum output current. The
inductor value calculated with Equation 5-1 is 1.16 µH.
To compensate against component tolerance, choose
the next higher standard value 1.5 µH (typically 20% for
high current inductors).
The peak current in the inductor can be calculated with
Equation 5-2, its value being 17.25A. The inductor
must sustain, without saturating, this peak current. To
maintain low-conduction losses, the DC resistance of
the inductor must be as low as possible. Table 6-2
shows some suitable inductors for this application.
TABLE 6-1:
DESIGN EXAMPLE ELECTRICAL SPECIFICATION
Parameter
Test Conditions
Min
Nominal
Max
Unit
Input Voltage (VIN)
8
12
14
V
Output Voltage (VOUT)0  IOUT  15A
—
1.8
—
V
Line Regulation
8.0V
 VIN  14V
—
—
0.5
%
Load Regulation
0A
 IOUT  15A
—
—
0.5
%
Output ripple (VOUT_RIPPLE)IOUT = 15A
—
—
30
mV
Input ripple (VIN_RIPPLE)IOUT =15A
—
—
0.3
V
Output overshoot
Step from 3.75A to 11.25A
—
—
100
mV
Output undershoot
Step from 11.25A to 3.75A
—
—
100
mV
Output current (IOUT)0
—
15
A
Efficiency
VIN =12V, IOUT = 10A
90
—
—
%
TABLE 6-2:
SUITABLE INDUCTORS FROM VARIOUS VENDORS
Vendor
Part Number
Inductance
(µH)
DCR
(m
)
ISAT
(A)
Coilcraft®
XAL1010-152MEB
1.5
1.76
36.6
Wurth Elektronik®
7443320150
1.5
2.1
27
TDK - EPC®
B82559A0142A013
1.4
1.5
22
Bourns®
SRP1270-1R5M
1.5
2.1
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com