Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19035T-BAABE/MF Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP19035T-BAABE/MF
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035T-BAABE/MF Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP19035T-BAABE/MF Datasheet HTML 11Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 12Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 13Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 14Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 15Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 16Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 17Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 18Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
 2012-2013 Microchip Technology Inc.
DS22326B-page 15
MCP19035
4.8
Internal Voltage Regulator (LDO)
The MCP19035 controller offers an internal 5V Low
Dropout Voltage Regulator. This regulator provides the
bias voltage for all internal circuits. A ceramic capacitor
(4.7 μF minimum) must be connected between the
output of this LDO (VCC pin) and ground (GND pin) for
stable operation.
An external low noise load may be powered from this
regulator, but the total current consumed from the LDO
output (internal circuitry of MCP19035 + external load)
should not exceed 50 mA. The internal circuitry of the
MCP19035 consume approximately 5 mA. The total
amount of current available to power the external load
can be estimated from Equation 4-1:
EQUATION 4-1:
This LDO dissipates power within the MCP19035. To
avoid tripping the Overtemperature Protection Circuit,
the designer must ensure that the maximum die
temperature is below +125°C under worst case
conditions (i.e. high input voltage). For further
information regarding the maximum dissipated power
for LDOs, see Microchip’s AN761 and AN792
application notes.
The LDO is protected against overload and short-circuit
conditions. Consistent performance of the internal
MOS drivers is ensured by monitoring the LDO output
voltage; if the voltage is lower than 3.3V typical, the
chip will enter in Shut-Down mode to prevent damage
to the external MOSFETs.
4.9
Internal MOSFET Drivers
Internal MOSFET drivers are capable of driving
external, “Logic Level” (+5V) MOSFETs.
The Low-Side Driver (LDRV) is referenced to the GND
pin and is capable of sourcing 1A and sinking 1.5A.
The High-Side Driver (HDRV) is floating and capable of
sourcing and sinking 1A. This driver is powered from an
external bootstrap capacitor.
The drivers have non-overlapping timing that is
governed by an adaptive delay circuit to minimize body
diode conduction in the synchronous rectifier.
For the optimized Dead Time version of the
MCP19035, the adaptive delay circuit is disabled and
the Dead Time has a fixed value.
4.10
Overcurrent Protection
Overcurrent protection is accomplished by monitoring
the voltage across the external MOSFETs when they
are ON (conducting).
For the high-side overcurrent protection, when the
sensed voltage drop across the high-side MOSFET is
greater than the high-side overcurrent threshold
voltage, the high-side MOSFET is immediately turned
off
and the high-side
overcurrent counter
is
incremented by one. On the next cycle, if the high-side
overcurrent threshold voltage is not exceeded, the
high-side overcurrent counter is decreased by one
count. If the high-side overcurrent counter reaches a
count of 7, a fault condition exists and the MCP19035
turns off both external MOSFETs.
After a 60 ms delay, the MCP19035 will attempt to
restart. If during the next cycle, a high-side overcurrent
threshold voltage is measured across the high-side
MOSFET, a fault is again declared and both external
MOSFETs are turned off for another 60 ms. However, if
after the attempted restart a high-side overcurrent
threshold voltage is not measured across the high-side
MOSFET, the high-side overcurrent counter is
decreased by one and the MCP19035 continues to
operate until the high-side overcurrent counter reaches
a count of 7.
The low-side overcurrent protection behaves much the
same way as the high-side overcurrent protection. The
difference is that the low-side MOSFET is not
immediately turned off when a low-side overcurrent
threshold voltage is measured. It remains on until the
next cycle begins.
IExternal Load = 50 mA - fSW x(QG(High Side) + QG(Low Side)) - 5 mA
Where:
IExternal Load = Current Available for powering the
External Load
fSW = Switching Frequency (300 kHz or
600 kHz)
QG(High Side) = Total Gate Charge of the High-Side
MOSFET at 4.5V VGS
QG(Low Side) = Total Gate Charge of the Low-Side
MOSFET at 4.5V VGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com