Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G055-DF Datasheet(PDF) 4 Page - ebm-papst

Part # M3G055-DF
Description  EC centrifugal fan - RadiCal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M3G055-DF Datasheet(HTML) 4 Page - ebm-papst

  M3G055-DF Datasheet HTML 1Page - ebm-papst M3G055-DF Datasheet HTML 2Page - ebm-papst M3G055-DF Datasheet HTML 3Page - ebm-papst M3G055-DF Datasheet HTML 4Page - ebm-papst M3G055-DF Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EC centrifugal fan - RadiCal®
backward curved
R3G250-RE09-07
Connection screen
Line
No.
Signal
Colour
Function / assignment
CON10 L
black
Power supply 230 VAC, 50-60 Hz, for voltage range refer to rating plate
CON11 N
blue
Neutral conductor
CON12 PE
green/yellow
Protective earth
1
GND
blue
GND - Connection for control interface
2
0- 10V PWM
yellow
Control input 0 - 10 V or PWM, electrically isolated
3
10V/ max 1.1mA
red
Voltage output 10V/ 1.1mA, electrically isolated, not short-circuit-proof.
4
Tach
white
Tach output: open collector, 1 pulse per revolution, electrically isolated
Item no. 51152-5-9980 · Revision 75542 · Release 2012-11-06 · Page 4 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com