Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G055-DF Datasheet(PDF) 2 Page - ebm-papst

Part # M3G055-DF
Description  EC centrifugal fan - RadiCal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M3G055-DF Datasheet(HTML) 2 Page - ebm-papst

  M3G055-DF Datasheet HTML 1Page - ebm-papst M3G055-DF Datasheet HTML 2Page - ebm-papst M3G055-DF Datasheet HTML 3Page - ebm-papst M3G055-DF Datasheet HTML 4Page - ebm-papst M3G055-DF Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EC centrifugal fan - RadiCal®
backward curved
R3G250-RE09-07
Technical features
Mass
1.8 kg
Size
250 mm
Surface of rotor
Thick layer passivated
Material of electronics housing
Die-cast aluminium
Material of impeller
Plastic PA6, fibreglass-reinforced
Number of blades
7
Direction of rotation
Clockwise, seen on rotor
Type of protection
IP 54
Insulation class
"B"
Max. permissible ambient motor
temp. (transp./ storage)
+ 80 °C
Min. permissible ambient motor
temp. (transp./storage)
- 40 °C
Mounting position
Shaft horizontal or rotor on bottom; rotor on top on request
Condensate discharge holes
None, open rotor
Operation mode
S1
Motor bearing
Ball bearing
Technical features
- Output 10 VDC, max. 1.1 mA
- Tach output
- Motor current limit
- Soft start
- Control input 0-10 VDC / PWM
- Line undervoltage detection
- Over-temperature protected electronics / motor
Touch current acc. IEC 60990
(measuring network Fig. 4, TN
system)
<= 3.5 mA
Motor protection
Locked-rotor protection
Cable exit
Variable
Protection class
I (if protective earth is connected by customer)
Product conforming to standard
EN 60335-1
Item no. 51152-5-9980 · Revision 75542 · Release 2012-11-06 · Page 2 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com