Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1803DB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803DB
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803DB Datasheet(HTML) 4 Page - Texas Instruments

  PCM1803DB Datasheet HTML 1Page - Texas Instruments PCM1803DB Datasheet HTML 2Page - Texas Instruments PCM1803DB Datasheet HTML 3Page - Texas Instruments PCM1803DB Datasheet HTML 4Page - Texas Instruments PCM1803DB Datasheet HTML 5Page - Texas Instruments PCM1803DB Datasheet HTML 6Page - Texas Instruments PCM1803DB Datasheet HTML 7Page - Texas Instruments PCM1803DB Datasheet HTML 8Page - Texas Instruments PCM1803DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
PCM1803
SLES125 – NOVEMBER 2004
over operating free-air temperature range
MIN
NOM
MAX
UNIT
Analog supply voltage, VCC
4.5
5
5.5
V
Digital supply voltage, VDD
2.7
3.3
3.6
V
Analog input voltage, full-scale (–0 dB)
3
Vp-p
Digital input logic family
TTL
System clock
8.192
49.152
MHz
Digital input clock frequency
Sampling clock
32
96
kHz
Digital output load capacitance
10
pF
Operating free-air temperature, TA
–25
85
°C
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 44.1 kHz, system clock = 384 fS,
oversampling ratio =
×128, 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
Bits
DATA FORMAT
Audio data interface format
Left-justified, I2S, right-justified
Audio data bit length
20, 24
Bits
Audio data format
MSB-first, 2s complement
fS
Sampling frequency
16
44.1
96
kHz
256 fS
4.096
11.2896
24.576
384 fS
6.144
16.9344
36.864
System clock frequency
MHz
512 fS
8.192
22.5792
49.152
768 fS
12.288
33.8688
–
INPUT LOGIC
VIH(1)
2
VDD
VIL(1)
0
0.8
Input logic-level voltage
VDC
VIH(2)(3)
2
5.5
VIL(2)(3)
0
0.8
IIH(1)(2)
VIN = VDD
±10
IIL(1)(2)
VIN = 0
±10
Input logic-level current
µA
IIH(3)
VIN = VDD
65
100
IIL(3)
VIN = 0
±10
OUTPUT LOGIC
VOH(4)
IOUT = –4 mA
2.8
Output logic-level voltage
VDC
VOL(4)
IOUT = 4 mA
0.5
DC ACCURACY
Gain mismatch, channel-to-channel
±1
±3 % of FSR
Gain error
±2
±4 % of FSR
Bipolar zero error
HPF bypass
±0.4
% of FSR
(1)
Pins 10–11: LRCK, BCK (Schmitt-trigger input, in slave mode)
(2)
Pin 15: SCKI (Schmitt-trigger input, 5-V tolerant)
(3)
Pins 7–9, 16–20: PDWN, BYPAS, TEST, OSR, FMT0, FMT1, MODE0, MODE1 (Schmitt-trigger input, with 50-k
Ω typical pulldown
resistor, 5-V tolerant)
(4)
Pins 10–12: LRCK, BCK (in master mode), DOUT
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com