Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1803DB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803DB
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803DB Datasheet(HTML) 1 Page - Texas Instruments

  PCM1803DB Datasheet HTML 1Page - Texas Instruments PCM1803DB Datasheet HTML 2Page - Texas Instruments PCM1803DB Datasheet HTML 3Page - Texas Instruments PCM1803DB Datasheet HTML 4Page - Texas Instruments PCM1803DB Datasheet HTML 5Page - Texas Instruments PCM1803DB Datasheet HTML 6Page - Texas Instruments PCM1803DB Datasheet HTML 7Page - Texas Instruments PCM1803DB Datasheet HTML 8Page - Texas Instruments PCM1803DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
PCM1803
SLES125 – NOVEMBER 2004
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
•
AV Amplifier Receiver
•
24-Bit Delta-Sigma Stereo A/D Converter
•
MD Player
•
Single-Ended Voltage Input: 3 Vp-p
•
CD Recorder
•
Oversampling Decimation Filter:
•
Multitrack Receiver
– Oversampling Frequency:
×64, ×128
•
Electric Musical Instrument
– Pass-Band Ripple:
±0.05 dB
– Stop-Band Attenuation: –65 dB
– On-Chip High-Pass Filter: 0.84 Hz (44.1 kHz)
The
PCM1803
is
high-performance,
low-cost,
•
High-Performance:
single-chip stereo analog-to-digital converter with
– THD+N: –95 dB (Typically)
single-ended analog voltage input. The PCM1803
uses a delta-sigma modulator with 64-, 128-times
– SNR: 103 dB (Typically)
oversampling, and includes a digital decimation filter
– Dynamic Range: 103 dB (Typically)
and
high-pass
filter
which
removes
the
DC
•
PCM Audio Interface:
component of the input signal. For various appli-
cations, the PCM1803 supports master and slave
– Master/Slave Mode Selectable
modes and four data formats in serial interface. The
– Data Formats:
PCM1803
is
suitable
for
a
wide
variety
of
• 24-Bit Left-Justified
cost-sensitive consumer applications where good per-
formance and operation from a 5-V analog supply
• 24-Bit I2S
and 3.3-V digital supply are required. The PCM1803
• 20-, 24-Bit Right-Justified
is fabricated using a highly advanced CMOS process
•
Sampling Rate: 16 kHz to 96 kHz
and is available in a small 20-pin SSOP package.
•
System Clock: 256 fS, 384 fS, 512 fS, 768 fS
•
Dual Power Supplies: 5 V for Analog, 3.3 V for
Digital
•
Package: 20-Pin SSOP
•
Pb-Free Product
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1803DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1803DB TI1-PCM1803DB Datasheet
447Kb / 23P
96-kHz STEREO A/D CONVERTER
PCM1803DB TI2-PCM1803DB Datasheet
482Kb / 26P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
REVISED AUGUST 2006
PCM1803DB.B TI2-PCM1803DB.B Datasheet
482Kb / 26P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
REVISED AUGUST 2006
PCM1803DBG4 TI1-PCM1803DBG4 Datasheet
447Kb / 23P
96-kHz STEREO A/D CONVERTER
PCM1803DBR TI1-PCM1803DBR Datasheet
447Kb / 23P
96-kHz STEREO A/D CONVERTER
More results

Similar Description - PCM1803DB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
24-Bit, 96 kHz Stereo A/D Converter?
logo
Texas Instruments
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com