Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2660 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2660
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2660 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2660 Datasheet HTML 4Page - National Semiconductor (TI) LM2660 Datasheet HTML 5Page - National Semiconductor (TI) LM2660 Datasheet HTML 6Page - National Semiconductor (TI) LM2660 Datasheet HTML 7Page - National Semiconductor (TI) LM2660 Datasheet HTML 8Page - National Semiconductor (TI) LM2660 Datasheet HTML 9Page - National Semiconductor (TI) LM2660 Datasheet HTML 10Page - National Semiconductor (TI) LM2660 Datasheet HTML 11Page - National Semiconductor (TI) LM2660 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Information (Continued)
size capacitor usually has a higher ESR compared with a
bigger size capacitor of the same type. For lower ESR, use
ceramic capacitors.
TABLE 3. Low ESR Capacitor Manufacturers
Manufacturer
Phone
FAX
Capacitor Type
Nichicon Corp.
(708)-843-7500
(708)-843-2798
PL, PF series, through-hole aluminum electrolytic
AVX Corp.
(803)-448-9411
(803)-448-1943
TPS series, surface-mount tantalum
Sprague
(207)-324-4140
(207)-324-7223
593D, 594D, 595D series, surface-mount tantalum
Sanyo
(619)-661-6835
(619)-661-1055
OS-CON series, through-hole aluminum electrolytic
Other Applications
PARALLELING DEVICES
Any number of LM2660s (or LM2661s) can be paralleled to reduce the output resistance. Each device must have its own pumping
capacitor C
1, while only one output capacitor Cout is needed as shown in Figure 4. The composite output resistance is:
DS012911-32
FIGURE 3. Output Source Resistance vs Oscillator Frequency
DS012911-22
FIGURE 4. Lowering Output Resistance by Paralleling Devices
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com