Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2660 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2660
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2660 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2660 Datasheet HTML 1Page - National Semiconductor (TI) LM2660 Datasheet HTML 2Page - National Semiconductor (TI) LM2660 Datasheet HTML 3Page - National Semiconductor (TI) LM2660 Datasheet HTML 4Page - National Semiconductor (TI) LM2660 Datasheet HTML 5Page - National Semiconductor (TI) LM2660 Datasheet HTML 6Page - National Semiconductor (TI) LM2660 Datasheet HTML 7Page - National Semiconductor (TI) LM2660 Datasheet HTML 8Page - National Semiconductor (TI) LM2660 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM2660/LM2661
Switched Capacitor Voltage Converter
General Description
The LM2660/LM2661 CMOS charge-pump voltage con-
verter inverts a positive voltage in the range of 1.5V to 5.5V
to the corresponding negative voltage. The LM2660/LM2661
uses two low cost capacitors to provide 100 mA of output
current without the cost, size, and EMI related to inductor
based converters. With an operating current of only 120 µA
and operating efficiency greater than 90% at most loads, the
LM2660/LM2661 provides ideal performance for battery
powered systems. The LM2660/LM2661 may also be used
as a positive voltage doubler.
The oscillator frequency can be lowered by adding an exter-
nal capacitor to the OSC pin. Also, the OSC pin may be used
to drive the LM2660/LM2661 with an external clock. For
LM2660, a frequency control (FC) pin selects the oscillator
frequency of 10 kHz or 80 kHz. For LM2661, an external
shutdown (SD) pin replaces the FC pin. The SD pin can be
used to disable the device and reduce the quiescent current
to 0.5 µA. The oscillator frequency for the LM2661 is 80 kHz.
Features
n Inverts or doubles input supply voltage
n Narrow SO-8 and Mini SO-8 Package
n 6.5
Ω typical output resistance
n 88% typical conversion efficiency at 100 mA
n (LM2660) selectable oscillator frequency: 10 kHz/80 kHz
n (LM2661) low current shutdown mode
Applications
n Laptop computers
n Cellular phones
n Medical instruments
n Operational amplifier power supplies
n Interface power supplies
n Handheld instruments
Basic Application Circuits
Voltage Inverter
DS012911-3
Positive Voltage Doubler
DS012911-4
Splitting V
IN in Half
DS012911-26
September 1999
© 1999 National Semiconductor Corporation
DS012911
www.national.com


Similar Part No. - LM2660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
LM2660 TI-LM2660 Datasheet
1Mb / 27P
LM2660 Switched Capacitor Voltage Converter
LM2660 TI2-LM2660 Datasheet
930Kb / 31P
LM2660 Switched Capacitor Voltage Converter
REVISED DECEMBER 2014
LM2660-MWC TI1-LM2660-MWC Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
LM2660-MWC TI2-LM2660-MWC Datasheet
930Kb / 31P
LM2660 Switched Capacitor Voltage Converter
REVISED DECEMBER 2014
More results

Similar Description - LM2660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com