Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM6202FS Datasheet(PDF) 2 Page - Rohm

Part # BM6202FS
Description  3-Phase Brushless Fan Motor Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6202FS Datasheet(HTML) 2 Page - Rohm

  BM6202FS Datasheet HTML 1Page - Rohm BM6202FS Datasheet HTML 2Page - Rohm BM6202FS Datasheet HTML 3Page - Rohm BM6202FS Datasheet HTML 4Page - Rohm BM6202FS Datasheet HTML 5Page - Rohm BM6202FS Datasheet HTML 6Page - Rohm BM6202FS Datasheet HTML 7Page - Rohm BM6202FS Datasheet HTML 8Page - Rohm BM6202FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/19
Datasheet
Datasheet
BM6202FS
TSZ02201-0828AB400090-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.FEB.2013 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
 Block Diagram and Pin Configuration
Figure 2. Block diagram
Figure 3. Pin configuration
 Pin Descriptions (NC: No Connection)
Pin
Name
Function
Pin
Name
Function
1
VCC
Low voltage power supply
23
VDC
High voltage power supply
2
FOB
Fault signal output (open drain)
-
VDC
3
UH
Phase U high side control input
22
BU
Phase U floating power supply
4
UL
Phase U low side control input
-
U
5
NC
21
U
Phase U output
6
VH
Phase V high side control input
20
BV
Phase V floating power supply
7
VL
Phase V low side control input
-
V
8
NC
19
V
Phase V output
9
NC
-
VDC
10
WH
Phase W high side control input
18
VDC
High voltage power supply
11
WL
Phase W low side control input
17
BW
Phase W floating power supply
12
FOB
Fault signal output (open drain)
-
W
13
VCC
Low voltage power supply
16
W
Phase W output
14
GND
Ground
15
PGND
Ground (current sense pin)
Note) All pin cut surfaces visible from the side of package are no connected, except the pin number is expressed as a “-”.
VCC
FOB
UH
UL
VH
VL
WH
WL
FOB
VCC
GND
PGND
W
BW
VDC
V
BV
U
BU
VDC
PGND
LEVEL SHIFT
&
GATE DRIVER
BU
U
M
22
21
1
VCC
GND
VDC
3
UH
4
UL
BV
V
20
19
6
VH
7
VL
BW
W
17
16
10
WH
11
WL
2
FOB
12
FOB
13
VCC
VDC
15
14
FAULT
SDB
LEVEL SHIFT
&
GATE DRIVER
FAULT
SDB
LEVEL SHIFT
&
GATE DRIVER
FAULT
SDB
TRIP
18
VDC
VCC
23
FAULT
TRIP
TRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com