Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM6202FS Datasheet(PDF) 1 Page - Rohm

Part # BM6202FS
Description  3-Phase Brushless Fan Motor Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6202FS Datasheet(HTML) 1 Page - Rohm

  BM6202FS Datasheet HTML 1Page - Rohm BM6202FS Datasheet HTML 2Page - Rohm BM6202FS Datasheet HTML 3Page - Rohm BM6202FS Datasheet HTML 4Page - Rohm BM6202FS Datasheet HTML 5Page - Rohm BM6202FS Datasheet HTML 6Page - Rohm BM6202FS Datasheet HTML 7Page - Rohm BM6202FS Datasheet HTML 8Page - Rohm BM6202FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Product structure : Semiconductor IC This product is not designed protection against radioactive rays
.
1/19
TSZ02201-0828AB400090-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.FEB.2013 Rev.001
TSZ22111 · 14 · 001
http://www.rohm.com
For air-conditioner fan motor
3-Phase Brushless Fan Motor
Driver
BM6202FS
 General Description
This motor driver IC adopts PrestoMOS™ as the output
transistor, and put in a small full molding package with
the high voltage gate driver chip. The protection circuits
for overcurrent, overheating, under voltage lock out and
the high voltage bootstrap diode with current regulation
are built-in. It provides optimum motor drive system for a
wide variety of applications by the combination with
controller BD6201X series and enables motor unit
standardization.
 Features
600V PrestoMOS™ built-in
Output current 1.5A
Bootstrap operation by floating high side driver
(including diode)
3.3V logic input compatible
Protection circuits provided: OCP, TSD and UVLO
Fault output (open drain)
 Applications
Air conditioners; air cleaners; water pumps;
dishwashers; washing machines
General OA equipment
 Key Specifications
Output MOSFET voltage:
600V
Driver output current (DC):
±1.5A(Max.)
Driver output current (Pulse):
±2.5A(Max.)
Output MOSFET DC on resistance:
2.7
Ω (Typ.)
Operating case temperature:
-20°C to +100°C
Junction temperature:
+150°C
Power dissipation:
3.0W
 Package
W (Typ.) x D (Typ.) x H (Max.)
SSOP-A54_23
22.0 mm x 14.1 mm x 2.4 mm
 Typical Application Circuit
SSOP-A54_23
Figure 1. Application circuit example - BM6202FS & BD6201XFS
R8
R9
VREG
VREG
C5
HU
HV
HW
VSP
FG
DTR
VCC
GND
M
VDC
BD6201XFS
BM6202FS
R1
R2
R3
R4
R5
R6
R7
Q1
C1
C2~C4
C6
C7
C8
C9
C10
C11
C12
C13
D1
C14


Similar Part No. - BM6202FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6201FS ROHM-BM6201FS Datasheet
995Kb / 22P
600V PrestoMOS??built-in Three phase brushless fan motor driver
BM6201FS-E2 ROHM-BM6201FS-E2 Datasheet
995Kb / 22P
600V PrestoMOS??built-in Three phase brushless fan motor driver
logo
Bookly Micro electronic
BM6203 BOOKLY-BM6203 Datasheet
5Mb / 12P
LDO
logo
Rohm
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
3-Phase Brushless Fan Motor Driver
BM6203FS-E2 ROHM-BM6203FS-E2 Datasheet
688Kb / 24P
3-Phase Brushless Fan Motor Driver
More results

Similar Description - BM6202FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
3-Phase Brushless Fan Motor Driver
BM6204FS ROHM-BM6204FS Datasheet
1Mb / 31P
3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
3-Phase Brushless Fan Motor Driver
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
3-Phase Brushless Fan Motor Driver
BM6246FS ROHM-BM6246FS Datasheet
2Mb / 36P
3-Phase Brushless Fan Motor Driver
BM6248FS ROHM-BM6248FS Datasheet
2Mb / 34P
3-Phase Brushless Fan Motor Driver
BM6249FS ROHM-BM6249FS Datasheet
2Mb / 34P
3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com