Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPL65R340CFD Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IPL65R340CFD
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL65R340CFD Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IPL65R340CFD Datasheet HTML 5Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 6Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 7Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 8Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 9Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 10Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 11Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 12Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
650VCoolMOS™CFD2PowerTransistor
IPL65R340CFD
Rev.2.0,2013-05-29
Final Data Sheet
Diagram5:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
5
10
15
20
25
30
35
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=25°C;parameter:VGS
Diagram6:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
5
10
15
20
25
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=125°C;parameter:VGS
Diagram7:Typ.drain-sourceon-stateresistance
ID[A]
0
5
10
15
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
5 V
5.5 V
6 V
6.5 V
7 V
10 V
RDS(on)=f(ID);Tj=125°C;parameter:VGS
Diagram8:Drain-sourceon-stateresistance
Tj[°C]
-50
-25
0
25
50
75
100
125
150
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
typ
98%
RDS(on)=f(Tj);ID=4.4A;VGS=10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com