Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPL65R340CFD Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPL65R340CFD
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL65R340CFD Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPL65R340CFD Datasheet HTML 1Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 2Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 3Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 4Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 5Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 6Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 7Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 8Page - Infineon Technologies AG IPL65R340CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
650VCoolMOS™CFD2PowerTransistor
IPL65R340CFD
Rev.2.0,2013-05-29
Final Data Sheet
ThinPAK8x8
Drain
Pin 5
Gate
Pin 1
Power
Source
Pin 3,4
Driver
Source
Pin 2
1Description
CoolMOS™isarevolutionarytechnologyforhighvoltagepower
MOSFETs,designedaccordingtothesuperjunction(SJ)principleand
pioneeredbyInfineonTechnologies.650VCoolMOS™CFD2series
combinestheexperienceoftheleadingSJMOSFETsupplierwithhigh
classinnovation.Theresultingdevicesprovideallbenefitsofafast
switchingSJMOSFETwhileofferinganextremelyfastandrobustbody
diode.Thiscombinationofextremelylowswitching,commutationand
conductionlossestogetherwithhighestrobustnessmakeespecially
resonantswitchingapplicationsmorereliable,moreefficient,lighterand
cooler.
ThinPAK
ThinPAKisanewleadlessSMDpackageforHVMOSFETs.Thenew
packagehasaverysmallfootprintofonly64mm²(vs.150mm²forthe
D²PAK)andaverylowprofilewithonly1mmheight(vs.4.4mmforthe
D²PAK).Thesignificantlysmallerpackagesize,combinedwithbenchmark
lowparasiticinductances,providesdesignerswithanewandeffectiveway
todecreasesystemsolutionsizeinpower-densitydrivendesigns.
Features
•Ultra-fastbodydiode
•Veryhighcommutationruggedness
•ExtremelylowlossesduetoverylowFOMRdson*QgandEoss
•Easytouse/drive
•QualifiedforindustrialgradeapplicationsaccordingtoJEDEC(J-STD20
andJESD22)
•Pb-freeplating,Halogenfreemoldcompound
Applications
650VCoolMOS™CFD2isespeciallysuitableforresonantswitching
stagesfore.g.PCSilverbox,LCDTV,Lighting,ServerandTelecom.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj max
700
V
RDS(on),max
0.34
Ω
Qg,typ
41
nC
ID,pulse
32
A
Eoss @ 400V
3.5
µJ
Body diode di/dt
900
A/µs
Qrr
0.35
µC
trr
95
ns
Irrm
6.5
A
Type/OrderingCode
Package
Marking
RelatedLinks
IPL65R340CFD
PG-VSON-4
65F6340
see Appendix A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com