Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CL69 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL69
Description  5mA 4kV HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL69 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL69_16 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL69
Mark
Maximum Reverse Recovery Time
Trr
at 25°C
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
5.0
125
120
-40 to +125
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
2CL69
Cathode Mark
27 min.
27 min.
8.0
o 3.0
o 0.5
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2015
=0V,f=1MHz
1.0
2CL69
Type
2CL69
2CL69
18
5.0
2.0
0.5
4.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVGT
=VRRM
R
=VRRM
100
nS
=IF(AV)
5mA 4kV HIGH VOLTAGE DIODES
DO-308


Similar Part No. - 2CL69_16

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
2CL69A LUGUANG-2CL69A Datasheet
202Kb / 2P
楹삣닓遙섇럨雅뚧엨嶸↓뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?
logo
GETAI ELECTRONICS DEVIC...
2CL69A GETEDZ-2CL69A Datasheet
68Kb / 1P
High speed switching
logo
SUNMATE electronic Co.,...
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL69A GETEDZ-2CL69A Datasheet
624Kb / 2P
High Voltage Silicon Rectifier Diode
logo
Shanghai Shunye Electro...
2CL69A SHUNYE-2CL69A Datasheet
113Kb / 1P
5mA 4kV HIGH VOLTAGE DIODES
V2.22
More results

Similar Description - 2CL69_16

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL69 GETEDZ-2CL69 Datasheet
68Kb / 5P
5mA 4kV HIGH VOLTAGE DIODES
JB04 GETEDZ-JB04 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
JB08 GETEDZ-JB08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-04A GETEDZ-ESJA58-04A Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
SHV-14 GETEDZ-SHV-14 Datasheet
68Kb / 1P
14kV 5mA HIGH VOLTAGE DIODES
SHV-20 GETEDZ-SHV-20 Datasheet
68Kb / 1P
20kV 5mA HIGH VOLTAGE DIODES
SHV-24 GETEDZ-SHV-24 Datasheet
68Kb / 1P
24kV 5mA HIGH VOLTAGE DIODES
ESJA08-12 GETEDZ-ESJA08-12 Datasheet
63Kb / 1P
12kV 5mA HIGH VOLTAGE DIODES
JB04 GETEDZ-JB04_16 Datasheet
71Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
2CL70A GETEDZ-2CL70A Datasheet
71Kb / 1P
5mA 6kV HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com