Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4066 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC4066
Description  Quad bilateral switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4066 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC4066 Datasheet HTML 4Page - NXP Semiconductors 74LVC4066 Datasheet HTML 5Page - NXP Semiconductors 74LVC4066 Datasheet HTML 6Page - NXP Semiconductors 74LVC4066 Datasheet HTML 7Page - NXP Semiconductors 74LVC4066 Datasheet HTML 8Page - NXP Semiconductors 74LVC4066 Datasheet HTML 9Page - NXP Semiconductors 74LVC4066 Datasheet HTML 10Page - NXP Semiconductors 74LVC4066 Datasheet HTML 11Page - NXP Semiconductors 74LVC4066 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
2003 Aug 12
8
Philips Semiconductors
Product specification
Quad bilateral switches
74LVC4066
Resistance RON
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
IS (mA)
VCC (V)
Tamb = −40 to +85 °C; note 1; see Fig.6
RON(peak)
ON-resistance
(peak)
VS = GND to VCC;
VI =VIH
4
1.65 to 1.95
−
35
100
Ω
8
2.3 to 2.7
−
14
30
Ω
12
2.7
−
11.5
25
Ω
24
3.0 to 3.6
−
8.5
20
Ω
32
4.5 to 5.5
−
6.5
15
Ω
RON(rail)
ON-resistance (rail)
VS = GND; VI =VIH
4
1.65 to 1.95
−
10
30
Ω
8
2.3 to 2.7
−
8.5
20
Ω
12
2.7
−
7.5
18
Ω
24
3.0 to 3.6
−
6.5
15
Ω
32
4.5 to 5.5
−
610
Ω
VS =VCC; VI =VIH
4
1.65 to 1.95
−
12
30
Ω
8
2.3 to 2.7
−
8.5
20
Ω
12
2.7
−
7.5
18
Ω
24
3.0 to 3.6
−
6.5
15
Ω
32
4.5 to 5.5
−
610
Ω
RON(flatness)
ON-resistance
(flatness)
VS = GND to VCC;
VI =VIH;
see Figs.10 to 13
4
1.8
−
100
−Ω
8
2.5
−
17
−Ω
12
2.7
−
10
−Ω
24
3.3
−
5
−Ω
32
5.0
−
3
−Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com