Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4066 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC4066
Description  Quad bilateral switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4066 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC4066 Datasheet HTML 6Page - NXP Semiconductors 74LVC4066 Datasheet HTML 7Page - NXP Semiconductors 74LVC4066 Datasheet HTML 8Page - NXP Semiconductors 74LVC4066 Datasheet HTML 9Page - NXP Semiconductors 74LVC4066 Datasheet HTML 10Page - NXP Semiconductors 74LVC4066 Datasheet HTML 11Page - NXP Semiconductors 74LVC4066 Datasheet HTML 12Page - NXP Semiconductors 74LVC4066 Datasheet HTML 13Page - NXP Semiconductors 74LVC4066 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2003 Aug 12
10
Philips Semiconductors
Product specification
Quad bilateral switches
74LVC4066
MNA659
V
YZ
IS
VS = GND to VCC
E
VIH
GND
GND
Fig.6
Test circuit for measuring ON-state
resistance (RON).
MNA660
AA
Y
E
Z
VI = VCC or GND
VO = GND or VCC
VIL
GND
Fig.7 Test circuit for measuring OFF-state current.
MNA661
AA
Y
E
Z
VI = VCC or GND
VO (open circuit)
VIH
GND
Fig.8 Test circuit for measuring ON-state current.
handbook, halfpage
5
0
1234
VI (V)
RON
(
Ω)
102
10
1
MNA673
VCC = 1.8 V
2.5 V
2.7 V
3.3 V
5.0 V
Fig.9
Typical ON-resistance (RON) as a function
of input voltage (VS) for VS = GND to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com