Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2685 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2685
Description  Dual Output Regulated Switched Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2685 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM2685 Datasheet HTML 1Page - National Semiconductor (TI) LM2685 Datasheet HTML 2Page - National Semiconductor (TI) LM2685 Datasheet HTML 3Page - National Semiconductor (TI) LM2685 Datasheet HTML 4Page - National Semiconductor (TI) LM2685 Datasheet HTML 5Page - National Semiconductor (TI) LM2685 Datasheet HTML 6Page - National Semiconductor (TI) LM2685 Datasheet HTML 7Page - National Semiconductor (TI) LM2685 Datasheet HTML 8Page - National Semiconductor (TI) LM2685 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Detailed Device Description
(Continued)
is added is determined by the parasitic resistance (R
ds(on) of
the MOSFET switches and the ESR of the capacitors) and
the charge transfer loss between capacitors.
Shutdown and Load Disconnect
In addition to the nominal charge pump and regulator func-
tions, the LM2685 features shutdown and load disconnect
circuitry. CE (chip enable) and SDP (shutdown positive) per-
form the same task with opposite input polarities. When CE
is low or SDP is high, all circuit blocks are disabled and V
05
falls to ground potential. This is the same result as when the
die temperature exceeds 150˚C (typical), and the device’s
internal thermal shutdown is triggered.
Forcing SDN (shutdown negative) high disables only the in-
verting charge pump. The doubling charge pump and the
LDO regulator continue to operate, so the V
05 and the VPSW
remain at 5V.
The LM2685 incorporates two low impedance switches tied
to the V
05 and VNEG outputs, because some special applica-
tions require load disconnect and this is achievable via the
switches. Switch PSW connects V
05 to VPSW, and switch
NSW connects V
NEG to VNSW. In normal operation, these
switches are closed, allowing 5V loads to be tied to either
V
05 or VPSW and −5V loads to be tied to either VNEG or
V
NSW. Driving SDN high opens switch NSW only, while forc-
ing CE low or SDP high, opens both the PSW and NSW.
Application Information
Capacitor Selection
The output resistance and ripple voltage are dependent on
the capacitance and ESR values of the external capacitors.
Voltage Doubler External Capacitors
The selection of capacitors are based on the specifications
of the dropout voltage (which equals I
OUT ROUT), the output
voltage ripple, and the converter efficiency.
where R
SW is the sum of the ON resistance of the internal
MOSFET switches as shown in
Figure 2.
The peak-to-peak output voltage ripple is determined by the
oscillator frequency, the capacitance and ESR of the capaci-
tor C3.
High capacitance (2.2µF to higher), low ESR capacitors can
reduce the output resistance and the voltage ripple.
where I
Q(V+) is the quiescent power loss of the IC device,
and I
2
LR is the conversion loss associated with the switch
on-resistance, the two external capacitors and their ESRs.
Low ESR capacitors (table to be referenced) are recom-
mended to maximize efficiency, reduce the output voltage
drop and voltage ripple.
+5 LDO Regulator External Capacitors
The voltage doubler output capacitor, C3, serves as the input
capacitor of the +5 LDO regulator. The output capacitor C4,
must meet the requirement for minimum amount of capaci-
tance and appropriate ESR (Equivalent Serving Resistance)
for proper operation. The ESR value must remain within the
regions of stability as shown in
Figure 4, Figure 5 and Figure
6 to ensure output’s stability. A minimum capacitance of 1µF
is required at the output. This can be increased without limit,
but a 4.7µF tantalum capacitor is recommended for loads
ranging upto the maximum specification. With lighter loads
of less or equal to 10mA, ceramic capacitor of at least 1µF
and ESR in the milliohms can be used. This has to be con-
nected to V
PSW pin instead of the V05 pin.
Any output capacitor used should have a good tolerance
over temperature for capacitance and ESR values. The
larger the capacitor, with ESR within the stable region, the
better the stability and noise performance.
DS101100-5
FIGURE 3. Voltage Inverter Principle
DS101100-25
FIGURE 4. ESR Curve for C
OUT = 2.2µF
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com