Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2685 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2685
Description  Dual Output Regulated Switched Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2685 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2685 Datasheet HTML 1Page - National Semiconductor (TI) LM2685 Datasheet HTML 2Page - National Semiconductor (TI) LM2685 Datasheet HTML 3Page - National Semiconductor (TI) LM2685 Datasheet HTML 4Page - National Semiconductor (TI) LM2685 Datasheet HTML 5Page - National Semiconductor (TI) LM2685 Datasheet HTML 6Page - National Semiconductor (TI) LM2685 Datasheet HTML 7Page - National Semiconductor (TI) LM2685 Datasheet HTML 8Page - National Semiconductor (TI) LM2685 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM2685
Dual Output Regulated Switched Capacitor Voltage
Converter
General Description
The LM2685 CMOS charge-pump voltage converter oper-
ates as an input voltage doubler, +5V regulator and inverter
for an input voltage in the range of +2.85V to +6.5V. Five low
cost capacitors are used in this circuit to provide up to 50mA
of output current at +5V (± 5%), and 15mA at −5V. The
LM2685 operates at a 130 kHz switching frequency to re-
duce output resistance and voltage ripple. With an operating
current of only 800µA (operating efficiency greater than 80%
with most loads) and 6µA typical shutdown current, the
LM2685 is ideal for use in battery powered systems. The de-
vice is in a small 14-pin TSSOP package.
Features
n
+5V regulated output
n
Inverts V
05(+5V) to VNEG(−5V)
n
Doubles input supply voltage
n
TSSOP-14 package
n
80% typical conversion efficiency at 25mA
n
Input voltage range of 2.85V to 6.5V
n
Independent shutdown control pins
Applications
n
Cellular phones
n
Pagers
n
PDAs
n
Handheld instrumentation
n
3.3V to 5V voltage conversion applications
Typical Application and Connection Diagram
Ordering Information
Order Number
Package Type
NSC Package
Drawing
Supplied As
LM2685MTC
TSSOP-14
MTC14
94 Units, Rail
LM2685MTCX
TSSOP-14
MTC14
2.5k Units, Tape and Reel
DS101100-1
DS101100-2
14-Pin TSSOP
May 2000
© 2000 National Semiconductor Corporation
DS101100
www.national.com


Similar Part No. - LM2685

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681 TI-LM2681 Datasheet
894Kb / 16P
LM2681 Switched Capacitor Voltage Converter
LM2681 TI2-LM2681 Datasheet
619Kb / 18P
LM2681 Switched Capacitor Voltage Converter
REVISED MAY 2013
logo
National Semiconductor ...
LM2681M6 NSC-LM2681M6 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681M6/NOPB TI-LM2681M6/NOPB Datasheet
894Kb / 16P
LM2681 Switched Capacitor Voltage Converter
More results

Similar Description - LM2685

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2686 NSC-LM2686 Datasheet
204Kb / 8P
Regulated Switched Capacitor Voltage Converter
LM2750 NSC-LM2750 Datasheet
370Kb / 15P
Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
logo
Analog Devices
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV.0
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2760 NSC-LM2760 Datasheet
242Kb / 10P
3.3V Regulated Switched Capacitor Voltage Converter
logo
Analog Devices
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
Switched Capacitor Voltage Converter with Regulated Output
REV. 0
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com