Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16330B Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # PDSP16330B
Description  Pythagoras Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16330B Datasheet(HTML) 5 Page - Mitel Networks Corporation

  PDSP16330B Datasheet HTML 1Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 2Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 3Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 4Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 5Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 6Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 7Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 8Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PDSP16330/A/B
5
Max.
25
24
PDSP16330A
Min.
12
2
12
0
12
2
5
50
15
15
24
Max.
25
24
25
25
25
25
180
120
Characteristic
†
Input data setup to clock rising edge
†
Input data Hold after clock rising edge
†
CEX, CEY Setup to clock rising edge
†
CEX, CEY Hold aher clock rising edge
†
FORM, S1:0 Setup to clock rising edge
†
FORM, S1:0 Hold after clock rising edge
†
Clock rising edge to valid data
*
Clock period
†
Clock high time
†
Clock low time
†
Latency
†
OEM, OEP low to data high data valid
†
OEM, OEP low to data low data valid
†
OEM, OEP high to data high impedance
†
OEM, OEP low to data high impedance
†
Vcc current (TTL input levels)
†
Vcc current (CMOS input levels)
SWITCHING CHARACTERISTICS
NOTES
1.
LSTTL is equivalent to I
OH = 20µA, IOL = -0.4mA
2.
Current is defined as negative into the device
3.
CMOS input levels are defined as: V
IH = VDD - 0.5V, VIL = +0.5V
4.
All parameters marked * are tested during production.
Parameters marked † are guaranteed by design and characterisation.
5.
All timings are dependent on silicon speed. This speed is tested by measuring clock period.
This guarantees all other timings by characterisation and design.
Value
PDSP16330
Min.
15
2
30
0
15
7
5
100
25
25
24
Max.
40
24
30
30
30
30
110
70
PDSP16330B
Min.
12
2
12
0
12
2
5
40
15
15
24
25
25
25
25
225
150
Units
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
cycles
ns
ns
ns
ns
mA
mA
Conditions
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
V
CC = Max
Outputs unloaded
Clock freq. = Max
V
CC = Max
Outputs unloaded
Clock freq. = Max
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V
cc
-0.5V to + 7.0V
Input voltage, V
IN
-0.5V to VCC + 0.5V
Output voltage, V
our
-0.5V to VCC + 0.5V
Clamp diode current per pin, I
K (see Note 2)
±18mA
Static discharge voltage (HMB), V
STAT
500V
Storage temperature. T
stg
-65°C to + 150°C
Ambient temperature with
power applied T
amb:
Commercial
0°C to + 70°C
Industrial
-40°C to + 85°C
Military
-55 °C to + 125°C
Package power dissipation P
TOT
1200mW
Junction temperature
150°C
THERMAL CHARACTERISTICS
Package Type
θJC°C/W
θJA°C/W
AC
12
36
GG
12
35
NOTES
1.
Exceeding these ratings may cause permanent damage.
Functional operatlon under these conditions is not implied.
2.
Maximum dissipation or 1 second should not be exceeded;
only one output to be tested at any one time.
3.
Exposure to Absoulte Maximum Ratings for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com