Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16330B Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # PDSP16330B
Description  Pythagoras Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16330B Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button PDSP16330B Datasheet HTML 2Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 3Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 4Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 5Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 6Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 7Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 8Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 9Page - Mitel Networks Corporation PDSP16330B Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PDSP16330/A/B
6
ORDERING INFORMATION
Commercial (0°C to +70°C)
PDSP16330
CO AC
(10MHZ - PGA Package)
PDSP16330A CO AC
(20MHZ - PGA Package)
PDSP16330B CO AC
(25MHZ - PGA Package)
Industrial (-40°C to +85°C)
PDSP16330
BO AC
10MHZ - PGA Package
PDSP16330A BO AC
20MHZ - PGA Package
PDSP16330A BO GG
20MHZ - GG Package
PDSP16330B BO AC
25MHZ - PGA Package
Military (-55°C to +125°C)
PDSP16330A AO AC
20MHZ - PGA Package
PDSP16330A AO GG
20MHZ - GG Package
PDSP16330
AC GG
10MHz - GG Package Mil 883C Screened
PDSP16330A AC AC
20MHz - PGA Package Mil 883C Screened



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com