Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8402A-IP Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # CS8402A-IP
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8402A-IP Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button CS8402A-IP Datasheet HTML 25Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 26Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 27Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 28Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 29Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 30Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 31Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 32Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
(619) 268-2400
Part Number: PE65612
Schott Corporation
1000 Parkers Lane Rd.
Wayzata, MN 55391
(612) 475-1173
FAX (612) 475-1786
Part Number:
67125450 - compatible with Pulse
67128990 - lower cost
67129000 - surface mount
67129600 - single shield
Scientific Conversions Inc.
42 Truman Drive
Novato, CA. 94947
(415) 8922323
Part Number:
SC916-01 - single shield
SC916-02 - surface mount
Appendix B: MCK and FSYNC Relationship
FSYNC should be derived either directly or indi-
rectly from MCK. The indirect case could be a
DSP, providing FSYNC through its serial port,
using the same master oscillator that generates
MCK. In either case, FSYNC’s relationship to
MCK is fixed and does not move. Since this ap-
pendix provides information on what would
happen if FSYNC did move with respect to
MCK, it does not apply to the majority of users.
All internal timing is derived from MCK. On the
CS8402A, MCK is always 128
×Fs. On the
CS8401A, the external MCK is programmable
and is initially divided to 128
×Fs before being
used by the part. The internal clock IMCK used
in the following discussion is always 128
×Fs re-
gardless of the external MCK pin.
After RST, the CS8401A and CS8402A syn-
chronize the internal timing to the audio data
port, more specifically FSYNC, to guarantee that
channel A is left channel data and channel B is
right channel data as per the AES/EBU specifica-
tion. If FSYNC moves with respect to IMCK,
the transmitter could lose synchronization, which
causes an internal reset.
Figure B1 shows the structure of the serial port
input, to the transmitter output. The audio data is
serially shifted into R1. PLD is an internal signal
that parallel loads R1 into the R2 buffer, and, at
the same time, the C, U, and V bits are latched.
On the CS8401A, the C, U, and V bits are held
in RAM, whereas on the CS8402A, they are
latched from external pins. The PLD signal rises
on the first SCK edge that can latch data. This is
coincident with the latching of the MSB of audio
data in MSB-first, left-justified modes. PLD
stays high for one SCK period. In the CS8402A
section, the arrows on SCK in Figure 16 indicate
w h e n PL D g o e s high. Also, SB C in th e
CS8402A CD submode is an external version of
PLD gated by the SBF input.
P C U V
Preamble
Dri-
ver
Mux
Biphase
Encode
TXP
TXN
R3 - Shift (out) Register
R2 - Audio Buffer
R1 - Shift (in) Register
SDATA
SCK
internally generated
CS8402A C,U,V Port
CS8401A Internal
Memory
PLD (load signal)
LDS (load signal)
IMCK
2
D Q
Internal Reset
+V
Figure B1. Serial Port-to-Transmitter Block Diagram
CS8401A CS8402A
DS60F1
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com