Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8402A-IP Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # CS8402A-IP
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8402A-IP Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button CS8402A-IP Datasheet HTML 12Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 13Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 16Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 19Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
PIN DESCRIPTIONS
Power Supply Connections
VD+ - Positive Digital Power, PIN 19.
Positive supply for the digital section. Nominally +5 volts.
GND - Ground, PIN 18.
Ground for the digital section.
Audio Input Interface
SCK - Serial Clock, PIN 6.
Serial clock for SDATA pin which can be configured (via control register 3) as an input or
output, and can sample data on the rising or falling edge. As an output, SCK will contain 32
clocks for every audio sample. As an input, it does not need to be continuous and can be up to
15 MHz.
FSYNC - Frame Sync, PIN 7.
Delineates the serial data and may indicate the particular channel, left or right. Also, FSYNC
may be configured as an input or output. The format is based on bits in control register 3.
SDATA - Serial Data, PIN 8.
Audio data serial input pin.
Parallel Interface
CS - Chip Select, PIN 14.
This input is active low and allows access to the 32 bytes of internal memory. The address bus
and RD/WR must be valid while CS is low.
CS8401A
DATA BUS BIT 4
D4
D3
DATA BUS BIT 3
DATA BUS BIT 5
D5
D2
DATA BUS BIT 2
DATA BUS BIT 6
D6
D1
DATA BUS BIT 1
DATA BUS BIT 7
D7
D0
DATA BUS BIT 0
MASTER CLOCK
MCK
TXP
TRANSMIT POSITIVE
SERIAL DATA CLOCK
SCK
VD+
POWER
FRAME SYNC
FSYNC
GND
GROUND
SERIAL INPUT DATA
SDATA
TXN
TRANSMIT NEGATIVE
ADDRESS BUS BIT 4
A4
RD/WR
READ/WRITE SELECT
ADDRESS BUS BIT 3
A3
INT
INTERRUPT
ADDRESS BUS BIT 2
A2
CS
CHIP SELECT
ADDRESS BUS BIT 1
A1
A0
ADDRESS BUS BIT 0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
CS8401A
16
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com