Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08P06P Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # 08P06P
Description  SIPMOS짰 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

08P06P Datasheet(HTML) 7 Page - Infineon Technologies AG

  08P06P Datasheet HTML 1Page - Infineon Technologies AG 08P06P Datasheet HTML 2Page - Infineon Technologies AG 08P06P Datasheet HTML 3Page - Infineon Technologies AG 08P06P Datasheet HTML 4Page - Infineon Technologies AG 08P06P Datasheet HTML 5Page - Infineon Technologies AG 08P06P Datasheet HTML 6Page - Infineon Technologies AG 08P06P Datasheet HTML 7Page - Infineon Technologies AG 08P06P Datasheet HTML 8Page - Infineon Technologies AG 08P06P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SPD08P06P
G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=-8.8 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
V BR(DSS)=f(T j); I D=-250 µA
50
55
60
65
70
-60
-20
20
60
100
140
180
T j [°C]
25 °C
100 °C
125 °C
10
3
10
2
10
1
10
0
10
1
10
0
t AV [µs]
12 V
30 V
48 V
0
2
4
6
8
10
12
14
16
03
69
12
15
Q gate [nC]
Rev 1.
92
page 7
20
12-09-10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com