Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08P06P Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # 08P06P
Description  SIPMOS짰 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

08P06P Datasheet(HTML) 1 Page - Infineon Technologies AG

  08P06P Datasheet HTML 1Page - Infineon Technologies AG 08P06P Datasheet HTML 2Page - Infineon Technologies AG 08P06P Datasheet HTML 3Page - Infineon Technologies AG 08P06P Datasheet HTML 4Page - Infineon Technologies AG 08P06P Datasheet HTML 5Page - Infineon Technologies AG 08P06P Datasheet HTML 6Page - Infineon Technologies AG 08P06P Datasheet HTML 7Page - Infineon Technologies AG 08P06P Datasheet HTML 8Page - Infineon Technologies AG 08P06P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SPD08P06P
G
SIPMOS® Power-Transistor
Features
• P-Channel
• Enhancement mode
• Avalanche rated
• dv /dt rated
• 175°C operating temperature
• Pb-free lead finishing; RoHS compliant
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T A=25 °C
A
T A=100 °C
Pulsed drain current
I D,pulse
T A=25 °C
Avalanche energy, single pulse
E AS
I D=8.83 A, R GS=25 Ω
mJ
Avalanche energy, periodic limited by
Tjmax
E AR
4.2
Reverse diode dv /dt
dv /dt
I D=8.83 A, V DS=48 V,
di /dt =-200 A/µs,
T j,max=175 °C
kV/µs
Gate source voltage
V GS
V
Power dissipation
P tot
T A=25 °C
W
Operating and storage temperature
T j, T stg
°C
ESD class
Soldering temperature
IEC climatic category; DIN IEC 68-1
55/175/56
"-55 ... +175"
±20
-6
260 °C
-8.83
-6.25
42
Value
70
-35.32
steady state
V DS
-60
V
R DS(on),max
0.3
Ω
I D
-8.8
A
Product Summary
P
G-TO252-3
Type
Package
Tape and reel information
Marking
Lead free
Packing
SPD08P06P
G PG-TO252-3
Rev 1.
92
page 1
20
12-09-10
1000 pcs / reel
08P06P
Yes
° Qualified according to AEC Q101
Non dry


Similar Part No. - 08P06P

ManufacturerPart #DatasheetDescription
logo
AG Electronica
08P AGELECTRONICA-08P Datasheet
380Kb / 2P
BASE DOBLE CONTACTO PARA CI 14 PINES
26/12/2018
08P AGELECTRONICA-08P Datasheet
380Kb / 2P
BASE DOBLE CONTACTO PARA CI 16 PINES
26/12/2018
08P AGELECTRONICA-08P Datasheet
381Kb / 2P
BASE DOBLE CONTACTO PARA CI 18 PINES
26/12/2018
08P AGELECTRONICA-08P Datasheet
380Kb / 2P
BASE DOBLE CONTACTO PARA CI 20 PINS
26/12/2018
08P AGELECTRONICA-08P Datasheet
380Kb / 2P
BASE DOBLE CONTACTO PARA CI 22 PINES
26/12/2018
More results

Similar Description - 08P06P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP80N06S-08 INFINEON-SPP80N06S-08 Datasheet
171Kb / 8P
SIPMOS짰 Power-Transistor
Rev. 1.0 2004-11-30
BUZ110S INFINEON-BUZ110S Datasheet
139Kb / 8P
SIPMOS짰 Power Transistor
05.99
SPI47N10L INFINEON-SPI47N10L_02 Datasheet
114Kb / 8P
SIPMOS짰 Power-Transistor
2002-01-09
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
SPP15P10PLH INFINEON-SPP15P10PLH Datasheet
767Kb / 10P
SIPMOS짰 Power-Transistor
Rev 1.4 2011-09-01
SPD15P10PL INFINEON-SPD15P10PL Datasheet
763Kb / 10P
SIPMOS짰 Power-Transistor
Rev 1.5 2012-09-03
SPD04P10PLG INFINEON-SPD04P10PLG Datasheet
463Kb / 9P
SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPD04P10PG INFINEON-SPD04P10PG Datasheet
479Kb / 9P
SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB18P06PG INFINEON-SPB18P06PG_12 Datasheet
446Kb / 8P
SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-07
SPB08P06P INFINEON-SPB08P06P_12 Datasheet
273Kb / 8P
SIPMOS짰 Power-Transistor
Rev 1.7 2012-09-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com