Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCD1015ZP Datasheet(PDF) 3 Page - IXYS Corporation

Part # NCD1015ZP
Description  Energy Harvesting Battery-Free Wireless Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

NCD1015ZP Datasheet(HTML) 3 Page - IXYS Corporation

  NCD1015ZP Datasheet HTML 1Page - IXYS Corporation NCD1015ZP Datasheet HTML 2Page - IXYS Corporation NCD1015ZP Datasheet HTML 3Page - IXYS Corporation NCD1015ZP Datasheet HTML 4Page - IXYS Corporation NCD1015ZP Datasheet HTML 5Page - IXYS Corporation NCD1015ZP Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
NCD1015ZP
R02
www.ixysic.com
3
1. Specifications
1.1 Operating Conditions
1.2 Electrical Specifications
Unless otherwise specified, minimum and maximum values are guaranteed by production testing or design. Typical
values are characteristic of the device at 25°C, and are the result of engineering evaluations. They are provided for
informational purposes only and are not guaranteed by production testing.
Parameter
Minimum Maximum Unit
Operating Temperature, TA
-20
+60
C
Storage temperature, TSTG
-40
+60
C
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Charging duration required for transmission
15
50
-
ms
Low Bit Frequency
TA = 25°C
f0
133.6
134.2
134.8
kHz
-20°C < TA < 60°C
132.2
-
136.2
High Bit Frequency
TA = 25°C
f1
123.3
124.2
125.8
kHz
-20°C < TA < 60°C
122.0
-
126.5
Data Retention
10
-
-
Years



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com