Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCD1015ZP Datasheet(PDF) 1 Page - IXYS Corporation

Part # NCD1015ZP
Description  Energy Harvesting Battery-Free Wireless Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

NCD1015ZP Datasheet(HTML) 1 Page - IXYS Corporation

  NCD1015ZP Datasheet HTML 1Page - IXYS Corporation NCD1015ZP Datasheet HTML 2Page - IXYS Corporation NCD1015ZP Datasheet HTML 3Page - IXYS Corporation NCD1015ZP Datasheet HTML 4Page - IXYS Corporation NCD1015ZP Datasheet HTML 5Page - IXYS Corporation NCD1015ZP Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
DS-NCD1015ZP-R02
www.ixysic.com
1
Features
• Reliable Half-Duplex (HDX) Low Frequency (LF)
Communications Format
• 64 Bits For Data / Identification Storage
• 134.2 kHz Operating Frequency
• FSK Modulation
• Energy Harvesting Battery-Free Wireless Power
• 16 Bit CRC Error Detection Code Generator
• 10 Year Data Retention
Applications
• Inventory Management
• Ingress/Egress Discovery
• Real-time Container Tracking
• Manufacturing Production Flow Control
• Vehicle Identification
• Security Access Administration
• High Value Asset Monitoring
Description
The NCD1015ZP is a passive 50mm cylindrical low
frequency half-duplex read-only radio frequency
identification (RFID) transponder that operates at a
resonant frequency of 134.2kHz. With 64-bits of
pre-programmed identification data storage and a
16-bit CRC error checking code generator, the
transponder supports ISO 11784 and ISO 11785
standards.
Using the power acquired from harvesting the RF
energy transmitted by the RFID reader, the passive
transponder responds by sending out a 128-bit packet
that contains the stored 64-bit data, a 16-bit
CRC-CCITT error checking code, and the overhead
bits necessary to ensure transmission recognition.
Transmission of the digital data from the transponder
to the reader utilizes an FSK modulation technique
where a logic 0 is represented by a 16 cycle burst of
134.2 kHz while a logic 1 uses 124.2 kHz.
Ordering Information
Block Diagram
Part #
Description
NCD1015ZP
50mm HDX RFID 64-bit Data Transponder, Pre-programmed Identification Code
Bit 1 = 0 :: Non-animal
Bits 2 - 16 = 0x0000
Bits 17 - 26 = 0x3D2 (978d)
Bits 27 - 64 :: Unique Identification Code - value will be incremented at the factory to provide a unique code for each device.
Maximum number of unique values = 238 - 1 = 0x3FFFFFFFFF (ID Code = 0 not used)
NCD1015ZPC
50mm HDX RFID 64-bit Data Transponder, Custom programmed Identification Code: Contact the factory.
NCD1015
Charge Storage
Capacitor
Antenna
NCD1015ZP
50mm Half Duplex
Read-Only RFID Transponder


Similar Part No. - NCD1015ZP

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
NCD1015M IXYS-NCD1015M Datasheet
347Kb / 13P
Sequential Power & Data Transmission (HDX)
More results

Similar Description - NCD1015ZP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3588-1 LINER-LTC3588-1 Datasheet
389Kb / 20P
Piezoelectric Energy Harvesting Power Supply
logo
Micro Analog systems
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
Solar Cell Energy Harvesting
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
ENERGY HARVESTING ELECTRONICS
EHE004 ETC2-EHE004 Datasheet
837Kb / 8P
ENERGY HARVESTING ELECTRONICS
logo
Linear Technology
LTC3588-1 LINER-LTC3588-1_15 Datasheet
501Kb / 20P
Nanopower Energy Harvesting Power Supply
logo
Cypress Semiconductor
S6AE101A CYPRESS-S6AE101A Datasheet
910Kb / 23P
Energy Harvesting PMIC for Wireless Sensor Node
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
Energy Harvesting
06/23/16
logo
Cypress Semiconductor
S6AE102A CYPRESS-S6AE102A Datasheet
2Mb / 36P
Energy Harvesting PMIC for Wireless Sensor Node
logo
ON Semiconductor
SPS1M001 ONSEMI-SPS1M001 Datasheet
94Kb / 6P
Battery Free Wireless Sensor
February, 2018 ??Rev. P3
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com