Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS7660 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GS7660
Description  Switched-Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS7660 Datasheet(HTML) 3 Page - Vishay Siliconix

  GS7660 Datasheet HTML 1Page - Vishay Siliconix GS7660 Datasheet HTML 2Page - Vishay Siliconix GS7660 Datasheet HTML 3Page - Vishay Siliconix GS7660 Datasheet HTML 4Page - Vishay Siliconix GS7660 Datasheet HTML 5Page - Vishay Siliconix GS7660 Datasheet HTML 6Page - Vishay Siliconix GS7660 Datasheet HTML 7Page - Vishay Siliconix GS7660 Datasheet HTML 8Page - Vishay Siliconix GS7660 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GS7660
Vishay
formerly General Semiconductor
Document Number 74819
www.vishay.com
24-May-02
3
Maximum Ratings Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Supply Voltage (VIN to GND)
VIN
6.0
V
Input Voltage (Pin 1, 6 and 7)
VIN
–0.3V
≤ VIN ≤ (VIN, +0.3V)
V
LV Input Current
LV120
µA
Output Short Circuit Duration
Continuous
Operating Junction Temperature Range
TJ
–40 to +125
°C
Storage Temperature Range
TS
–65 to +150
°C
Continuous Power Dissipation
Plastic Dip (Derate 7.9mW/°C above 70°C)
PD
630
mW
SO-8 (Derate 6mW/°C above 70°C)
480
Note: (1) Stresses beyond those listed above may cause permanent damage to the device. Operating at the levels stated above may affect device reliabllity.
Electrical Characteristics VIN = 5.0V LVPin = open, Oscillator free running, I load = 0mA, TA = –40°C to +125°C unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
LV = Open
TA = 25°C
–
36
70
Supply Current
––
100
µA
Pin 1,7, VIN = 3V
–
20
–
Supply Voltage(1)
RL = 10K
Ω, LV Open
3.0
–
6.0
V
RL = 10K
Ω, LV Gnd
1.5
–
6.0
IL = 20mA, FOSC = 10kHz
TA = 25°C
–
35
70
Output Resistance
LV = Open
––
110
Ω
IL = 3mA, FOSC = 1kHz
TA = 25°C
––
250
VIN = 2V, LV to Gnd
––
370
Oscillator Frequency
COSC = 0pF, LV to Gnd
VIN = 5.0V
–
5.0
–
kHz
Pin 1 Open
VIN = 2.0V
2.0
––
Power Efficiency
RL = 5K, FOSC =10kHz, LV = Open
96
98
–
%
Voltage Conversion Efficiency
LV = Open
TA = 25°C
98
99.9
–
%
Oscillator Sink or
VOSC = 0V or VIN
Pin 1 = 0V
––
3.0
µA
Source Current
LV = Open
Pin 1 = VIN
––
20
Oscillator Impedance
TA = 25°C
VIN = 2.0V
–
1.0
–
m
Ω
VIN = 5.0V
–
100
–
k
Ω
Note: (1) The GS7660 can operate with or without an external output diode over the full temperature and voltage range. Eliminating the diode reduces voltage
drop losses.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com