Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS7660 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # GS7660
Description  Switched-Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS7660 Datasheet(HTML) 4 Page - Vishay Siliconix

  GS7660 Datasheet HTML 1Page - Vishay Siliconix GS7660 Datasheet HTML 2Page - Vishay Siliconix GS7660 Datasheet HTML 3Page - Vishay Siliconix GS7660 Datasheet HTML 4Page - Vishay Siliconix GS7660 Datasheet HTML 5Page - Vishay Siliconix GS7660 Datasheet HTML 6Page - Vishay Siliconix GS7660 Datasheet HTML 7Page - Vishay Siliconix GS7660 Datasheet HTML 8Page - Vishay Siliconix GS7660 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GS7660
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74819
4
24-May-02
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
--5.0
--4.5
--4.0
--3.5
--3.0
--2.5
Fig. 3 – Output Voltage
vs. Load Current (VIN = 5V)
Load Current (mA)
0
10
20
30
40
50
60
70
--40
--20
0
20
40
60
80
100
120
--2
--1
0
1
2
Fig. 4 – Output Voltage
vs. Load Current (VIN = 2V)
Load Current (mA)
23
4
5
6
Fig. 5 – Oscillator Frequency
vs. Supply Voltage
Supply Voltage, VIN (V)
5
10
20
50
40
30
60
1
35
30
25
20
15
10
5
0
1000
100
10
10000
Fig. 6 – Oscillator Frequency
vs. Value of COSC
External Capacitor (Pin 7 to GND), COSC (pF)
50
40
30
20
10
0
Fig. 1 – Supply Current
vs. Supply Voltage
Fig. 2 – Power Efficiency
vs. Load Current (VIN = 5V)
100
90
80
70
60
50
Supply Voltage (V)
Load Current (mA)
123
45
6
010
20
30
40
50
60
70
Boost = Open
Boost = VIN
Boost = Open
Boost = Vin
Boost = Open
LV = Open
LV = GND
LV = Open
Boost = Open
LV = Open
Boost = Open
LV = GND
Boost = Open
LV = GND
LV = GND
LV = Open
LV = Open



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com