Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL270L Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL270L
Description  Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL270L Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL270L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Switching Specifications (AC)
Over Recommended Operating Conditions (TA = 0˚C to +70˚C), VCC = 3.3 V, unless otherwise specified. (See Note 8.)
Device
Parameter
Sym.
HCPL-
Min. Typ.*
Max. Units
Test Conditions
Fig.
Note
Propagation
tPHL
µsTA = 25˚C
5
2
Delay Time to
Logic Low at
30
IF = 0.5 mA
Output
Rl = 4.7 k
Propagation
tPLH
90
µsTA = 25˚C
5
2
Delay Time to
Logic High at
IF = 0.5 mA, RL = 4.7 kΩ
Output
Common Mode |CMH|
1000 10000
V/
µsIF = 0 mA, TA = 25˚C,
6
2, 6, 7
Transient
Rl = 2.2 k
Immunity at
|VCM| = 10 Vp-p
Logic High
Level Output
Common Mode |CML|
1000 10000
V/
µsIF = 1.6 mA, TA = 25˚C,
6
2, 6, 7
Transient
Rl = 2.2 k
Immunity at
|VCM| = 10 Vp-p
Logic Low
Level Output
*All typical values at TA = 25˚C and VCC = 3.3 V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com