Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL270L Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL270L
Description  Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL270L Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL270L Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Selection Guide
8-Pin DIP (300 Mil)
Small Outline SO-8
Single Channel
Dual Channel
Single Channel
Dual Channel
Minimum Input
Package HCPL-
Package HCPL-
Package HCPL-
Package HCPL-
ON Current (IF)
Minimum CTR
270L
273L
070L
073L
0.5 mA
400%
1.6 mA
300%
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example:
HCPL-270L #XXX
060 = VDE 0884 VIORM = 630 Vpeak Option
500 = Tape and Reel Packaging Option
Option data sheets available. Contact your Agilent sales representative
or authorized distributor for information.
Schematic
The HCPL-070L and HCPL-073L
are surface mount devices
packaged in an industry standard
SOIC-8 footprint.
The SOIC-8 does not require
"through holes" in a PCB. This
package occupies approximately
one-third the footprint area of the
standard dual-in-line package.
The lead profile is designed to be
compatible with standard surface
mount processes.
IF2
6
5
GND
3
4
VO2
VF2
IO2
+
IF1
8
7
V
CC
1
2
V
O1
ICC
V
F1
IO1
+
SHIELD
USE OF A 0.1 µF BYPASS CAPACITOR CONNECTED
BETWEEN PINS 5 AND 8 IS RECOMMENDED
HCPL-270L/HCPL-070L
HCPL-273L/HCPL-073L
IF
8
VCC
2
3
ICC
VF
ANODE
CATHODE
+
VB
IB
6
5
GND
VO
IO
7
SHIELD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com