Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC58P01YV Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC58P01YV
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC58P01YV Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC58P01YV Datasheet HTML 1Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 2Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 3Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 4Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 5Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 6Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 7Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 8Page - Micrel Semiconductor MIC58P01YV Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC58P01
8-Bit Parallel-Input Protected Latched
Driver
General Description
The MIC58P01 parallel-input latched driver is a high-
voltage (80V), high-current (500mA) integrated circuit
comprised
of
eight
CMOS
data
latches,
a
bipolar
Darlington transistor driver for each latch, and CMOS
control circuitry for the common CLEAR, STROBE, and
OUTPUT ENABLE functions. Similar to the MIC5801,
additional protection circuitry supplied on this device
includes thermal shutdown, under voltage lockout (UVLO),
and overcurrent shutdown.
The bipolar/CMOS combination provides an extremely
low-power latch with maximum interface flexibility. The
MIC58P01 has open-collector outputs capable of sinking
500 mA and integral diodes for inductive load transient
suppression with a minimum output breakdown voltage
rating of 80V (50V sustaining). The drivers may be
paralleled for higher load current capability.
With a 5V logic supply, the MIC58P01 will typically operate
at better than 5MHz. With a 12V logic supply, significantly
higher speeds are obtained. The CMOS inputs are
compatible with standard CMOS, PMOS, and NMOS
circuits. TTL circuits may require pull-up resistors.
Each
of
these
eight
outputs
has
an
independent
overcurrent shutdown of 500mA. Upon current shutdown,
the affected channel will turn OFF until VDD is cycled or the
ENABLE/RESET pin is pulsed high. Current pulses less
than 2μs will not activate current shutdown. Temperatures
above 165°C will shut down all outputs. The UVLO circuit
disables the outputs at low VDD; hysteresis of 0.5V is
provided.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• 4.4MHz Minimum Data Input Rate
• High-Voltage, High-Current Outputs
• Per-Output Overcurrent Shutdown (500mA typical)
• Under Voltage Lockout
• Thermal Shutdown
• Output Transient Protection Diodes
• CMOS, PMOS, NMOS, and TTL Compatible Inputs
• Internal Pull-Down Resistors
• Low-Power CMOS Latches
Typical Application
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 5, 2015
Revision 2.0


Similar Part No. - MIC58P01YV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01 Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01BN MICREL-MIC58P01BN Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01BV MICREL-MIC58P01BV Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01BWM MICREL-MIC58P01BWM Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
More results

Similar Description - MIC58P01YV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50 Datasheet
95Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_11 Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P50YWM MICREL-MIC59P50YWM Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
8-Bit Parallel-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com