Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC173AMDREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC173AMDREP
Description  Quadruple RS-485 Differential Line Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC173AMDREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65LBC173AMDREP Datasheet HTML 9Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 10Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 11Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 12Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 13Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 14Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 15Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 16Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
A, B
500 mV
5 V
−500 mV
0 V
20 ns
Y
13
SN65LBC173A-EP
www.ti.com
SLLSEH1 – NOVEMBER 2016
Product Folder Links: SN65LBC173A-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
The link shown can operate at up to 50 Mbps, well within the capability of most SPI links.
9.2.3 Application Curves
Figure 13. Receiver Inputs and Outputs, 50-Mbps Signaling Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com