Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT1697SB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # VT1697SB
Description  Increased Power Density with Fewer External Components
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VT1697SB Datasheet(HTML) 4 Page - Maxim Integrated Products

  VT1697SB Datasheet HTML 1Page - Maxim Integrated Products VT1697SB Datasheet HTML 2Page - Maxim Integrated Products VT1697SB Datasheet HTML 3Page - Maxim Integrated Products VT1697SB Datasheet HTML 4Page - Maxim Integrated Products VT1697SB Datasheet HTML 5Page - Maxim Integrated Products VT1697SB Datasheet HTML 6Page - Maxim Integrated Products VT1697SB Datasheet HTML 7Page - Maxim Integrated Products VT1697SB Datasheet HTML 8Page - Maxim Integrated Products VT1697SB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Maxim Integrated Products, Inc.
VT1697SB
Typical Operating Characteristics
Master: TA = 25°C; Fsw = 600kHz
Efficiency vs Load Current - 4 VT1697SB (VR12.0
)
IOUT (A)
Conditions: VIN = 12V
VBIAS = 1.8V
Inductor: CLB1108-4-50TR-R
System Power Dissipation - 4 VT1697SB (VR12.0
)
IOUT (A)
Conditions: VIN = 12V
VBIAS = 1.8V
Inductor: CLB1108-4-50TR-R
Efficiency vs Load Current - 4 VT1697SB (VR12.5
)
IOUT (A)
Conditions: VIN = 12V
VBIAS = 1.8V
Inductor: CLB1108-4-50TR-R
System Power Dissipation - 4 VT1697SB (VR12.5
)
IOUT (A)
Conditions: VIN = 12V
VBIAS = 1.8V
Inductor: CLB1108-4-50TR-R
86%
88%
90%
92%
94%
96%
80%
82%
84%
0
20 40 60 80 100 120 140 160 180
VOUT = 0.8V
VOUT = 1.0V
VOUT = 1.1V
VOUT = 1.2V
VOUT = 1.35V
VOUT = 1.5V
15
20
25
30
35
40
0
5
10
0
20 40 60 80 100 120 140 160 180
VOUT = 0.8V
VOUT = 0.9V
VOUT = 1.1V
VOUT = 1.2V
VOUT = 1.35V
VOUT = 1.5V
90%
92%
94%
96%
86%
88%
0
20 40 60 80 100 120 140 160 180
VOUT = 1.6V
VOUT = 1.8V
VOUT = 1.7V
VOUT = 1.9V
VOUT = 2.0V
15
20
25
30
35
40
45
0
5
10
0
20 40 60 80 100 120 140 160 180
VOUT = 1.6V
VOUT = 1.7V
VOUT = 1.8V
VOUT = 1.9V
VOUT = 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com