Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT1697SB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # VT1697SB
Description  Increased Power Density with Fewer External Components
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VT1697SB Datasheet(HTML) 5 Page - Maxim Integrated Products

  VT1697SB Datasheet HTML 1Page - Maxim Integrated Products VT1697SB Datasheet HTML 2Page - Maxim Integrated Products VT1697SB Datasheet HTML 3Page - Maxim Integrated Products VT1697SB Datasheet HTML 4Page - Maxim Integrated Products VT1697SB Datasheet HTML 5Page - Maxim Integrated Products VT1697SB Datasheet HTML 6Page - Maxim Integrated Products VT1697SB Datasheet HTML 7Page - Maxim Integrated Products VT1697SB Datasheet HTML 8Page - Maxim Integrated Products VT1697SB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Maxim Integrated Products, Inc.
VT1697SB
Typical Operating Characteristics
Master: TA = 25°C; Fsw = 600kHz
VT1697SB 4-Phase Safe Operating Area (Heatsink)
VOUT (V)
Conditions: VIN = 12V
VBIAS = 1.8V
Inductor: CL1108-4-50TR-R
VT1697SB 4-Phase Safe Operating Area (No Heatsink)
VOUT (V)
Conditions: VIN = 12V
VBIAS = 1.8V
Inductor: CL1108-4-50TR-R
150
160
170
180
190
200
210
220
100
110
120
130
140
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
200LFM 55C
400LFM 25°C
400LFM 70°C
200LFM 25°C
200LFM 70°C
400LFM 55°C
No Airflow 25°C
130
140
150
160
170
180
100
110
120
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
200LFM 25°C
200LFM 55°C
200LFM 70°C
400LFM 25°C
400LFM 55°C
400LFM 70°C
No airflow 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com