Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68SDIL Datasheet(PDF) 49 Page - Motorola, Inc

Part # M68SDIL
Description  Microcontrollers
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68SDIL Datasheet(HTML) 49 Page - Motorola, Inc

Back Button M68SDIL Datasheet HTML 45Page - Motorola, Inc M68SDIL Datasheet HTML 46Page - Motorola, Inc M68SDIL Datasheet HTML 47Page - Motorola, Inc M68SDIL Datasheet HTML 48Page - Motorola, Inc M68SDIL Datasheet HTML 49Page - Motorola, Inc M68SDIL Datasheet HTML 50Page - Motorola, Inc M68SDIL Datasheet HTML 51Page - Motorola, Inc M68SDIL Datasheet HTML 52Page - Motorola, Inc M68SDIL Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 460 page
background image
Pinout and Signal Descriptions
Signal Descriptions
MC68HC912D60A — Rev 3.0
Technical Data
MOTOROLA
Pinout and Signal Descriptions
49
3.5.9 Read/Write (R/W)
In all modes this pin can be used as general-purpose I/O and is an input
with an active pull-up out of reset. If the read/write function is required it
should be enabled by setting the RDWE bit in the PEAR register.
External writes will not be possible until enabled.
3.5.10 Low-Byte Strobe (LSTRB)
In all modes this pin can be used as general-purpose I/O and is an input
with an active pull-up out of reset. If the strobe function is required, it
should be enabled by setting the LSTRE bit in the PEAR register. This
signal is used in write operations and so external low byte writes will not
be possible until this function is enabled. This pin is also used as TAGLO
in Special Expanded modes and is multiplexed with the LSTRB function.
3.5.11 Instruction Queue Tracking Signals (IPIPE1 and IPIPE0)
These signals are used to track the state of the internal instruction
execution queue. Execution state is time-multiplexed on the two signals.
Refer to Development Support.
3.5.12 Data Bus Enable (DBE)
The DBE pin (PE7) is an active low signal that will be asserted low during
ECLK high time. DBE provides separation between output of a
multiplexed address and the input of data. When an external address is
stretched, DBE is asserted during what would be the last quarter cycle
of the last ECLK cycle of stretch. In expanded modes this pin is used to
enable the drive control of external buses during external reads. Use of
the DBE is controlled by the NDBE bit in the PEAR register.DBE is
enabled out of reset in expanded modes. This pin has an active pull-up
during and after reset in single chip modes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com