Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68SDIL Datasheet(PDF) 94 Page - Motorola, Inc

Part # M68SDIL
Description  Microcontrollers
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68SDIL Datasheet(HTML) 94 Page - Motorola, Inc

Back Button M68SDIL Datasheet HTML 90Page - Motorola, Inc M68SDIL Datasheet HTML 91Page - Motorola, Inc M68SDIL Datasheet HTML 92Page - Motorola, Inc M68SDIL Datasheet HTML 93Page - Motorola, Inc M68SDIL Datasheet HTML 94Page - Motorola, Inc M68SDIL Datasheet HTML 95Page - Motorola, Inc M68SDIL Datasheet HTML 96Page - Motorola, Inc M68SDIL Datasheet HTML 97Page - Motorola, Inc M68SDIL Datasheet HTML 98Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 460 page
background image
Bus Control and Input/Output
Technical Data
MC68HC912D60A — Rev 3.0
94
Bus Control and Input/Output
MOTOROLA
These bits select pull-up resistors for any pin in the corresponding port
that is currently configured as an input. This register is not in the map in
peripheral mode.
Read and write anytime.
PUPH — Pull-Up or Pull-Down Port H Enable
0 = Port H pull-ups are disabled.
1 = Enable pull-up/down devices for all port H input pins.
PUPG — Pull-Up or Pull-Down Port G Enable
0 = Port G pull-ups are disabled.
1 = Enable pull-up/down devices for all port G input pins.
PUPE — Pull-Up Port E Enable
0 = Port E pull-ups on PE7 and PE[3:0] are disabled.
1 = Enable pull-up devices for port E input pins PE7 and PE[3:0].
PUPB — Pull-Up Port B Enable
0 = Port B pull-ups are disabled.
1 = Enable pull-up devices for all port B input pins.
This bit has no effect if port B is being used as part of the address/data
bus (the pull-ups are inactive).
PUPA — Pull-Up Port A Enable
0 = Port A pull-ups are disabled.
1 = Enable pull-up devices for all port A input pins.
This bit has no effect if port A is being used as part of the address/data
bus (the pull-ups are inactive).
Bit 7
6
54
32
1
Bit 0
PUPH
PUPG
0
PUPE
0
0
PUPB
PUPA
RESET:
1
1
0
1
0
0
0
0
PUCR — Pull-Up Control Register
$000C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com