Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSS050P03 Datasheet(PDF) 2 Page - Rohm

Part # RSS050P03
Description  Switching (-30V, -5.0A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSS050P03 Datasheet(HTML) 2 Page - Rohm

  RSS050P03 Datasheet HTML 1Page - Rohm RSS050P03 Datasheet HTML 2Page - Rohm RSS050P03 Datasheet HTML 3Page - Rohm RSS050P03 Datasheet HTML 4Page - Rohm RSS050P03 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RSS050P03
Transistors
Rev.A
2/4
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Body diode characteristics (source-drain characteristics)
VSD
−−
−1.2
V
Forward voltage
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
Min.
Typ.
Max.
Unit
Conditions
IS
= −1.6A, VGS=0V
−−
±10
µAVGS=±20V, VDS=0V
VDD
−15V
−30
−−
VID
= −1mA, VGS=0V
−−
−1
µAVDS= −30V, VGS=0V
−1.0
−−2.5
V
VDS
= −10V, ID= −1mA
−
30
42
ID
= −5.0A, VGS= −10V
−
47
65
m
Ω
m
Ω
m
Ω
ID
= −2.5A, VGS= −4.5V
−
55
77
ID
= −2.5A, VGS= −4.0V
5.0
−−
SVDS
= −10V, ID= −2.5A
−
1200
−
pF
VDS
= −10V
−
250
180
−
pF
VGS
=0V
−
12
−
pF
f
=1MHz
−
25
−
ns
−
70
−
ns
−
35
−
ns
−
13
−
ns
−
2.8
−
nC
−
5.0
−
nC
VGS
= −5V
−−
nC
ID
= −5.0A
VDD
−15V
ID
= −2.5A
VGS
= −10V
RL
=6Ω
RGS
=10Ω
∗Pulsed
∗
∗
∗
∗
∗
∗



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com