Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSS050P03 Datasheet(PDF) 1 Page - Rohm

Part # RSS050P03
Description  Switching (-30V, -5.0A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSS050P03 Datasheet(HTML) 1 Page - Rohm

  RSS050P03 Datasheet HTML 1Page - Rohm RSS050P03 Datasheet HTML 2Page - Rohm RSS050P03 Datasheet HTML 3Page - Rohm RSS050P03 Datasheet HTML 4Page - Rohm RSS050P03 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RSS050P03
Transistors
Rev.A
1/4
Switching (
−30V, −5.0A)
RSS050P03
Features
1) Low On-resistance.
2) Built-in G-S Protection Diode.
3) Small and Surface Mount Package (SOP8).
Application
Power switching, DC / DC converter.
Structure
Silicon P-channel
MOS FET
External dimensions (Unit : mm)
Each lead has same dimensions
SOP8
3.9
6.0
0.4Min.
Packaging specifications
Package
Code
Taping
Basic ordering unit (pieces)
RSS050P03
TB
2500
Type
Absolute maximum ratings (Ta=25
°C)
∗1
∗1
∗2
Parameter
V
VDSS
Symbol
−30
V
VGSS
±20
A
ID
±5.0
A
IDP
±20
A
IS
−1.6
A
ISP
−20
W
PD
2.0
°C
Tch
150
°C
Tstg
−55 to +150
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Source current
(Body diode)
Equivalent circuit
(1) Source
(2) Source
(3) Source
(4) Gate
(5) Drain
(6 )Drain
(7) Drain
(8) Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗1
(8)
(7)
(6)
(5)
(1)
(2)
(3)
(4)
Thermal resistance (Ta=25
°C)
°C / W
Rth (ch-a)
62.5
Parameter
Symbol
Limits
Unit
Channel to ambient
∗ Mounted on a ceramic board.
∗


Similar Part No. - RSS050P03

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS050P03TB ROHM-RSS050P03TB Datasheet
93Kb / 5P
Switching (??0V, ??.0A)
More results

Similar Description - RSS050P03

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K1 ROHM-SP8K1 Datasheet
59Kb / 4P
Switching (30V, 5.0A)
2SAR572D ROHM-2SAR572D Datasheet
808Kb / 7P
PNP -5.0A -30V Middle Power Transistor
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
NPN 5.0A 30V Middle Power Transistor
SP8K1TB ROHM-SP8K1TB Datasheet
65Kb / 4P
Switching (30V, 5.0A)
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
PNP -5.0A -30V Middle Power Transistor
2SAR572D3 ROHM-2SAR572D3 Datasheet
1Mb / 11P
PNP -5.0A -30V Power Transistor
2SCR542PFRA ROHM-2SCR542PFRA Datasheet
1Mb / 9P
NPN 5.0A 30V Middle Power Transistor
2SCR572D3 ROHM-2SCR572D3 Datasheet
1Mb / 11P
NPN 5.0A 30V Power Transistor
2SAR572D3FRA ROHM-2SAR572D3FRA Datasheet
1Mb / 10P
PNP -5.0A -30V Power Transistor
2SCR572D3FRA ROHM-2SCR572D3FRA Datasheet
1Mb / 10P
NPN 5.0A 30V Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com