Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2727 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2727
Description  N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2727 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2727 Datasheet HTML 1Page - National Semiconductor (TI) LM2727 Datasheet HTML 2Page - National Semiconductor (TI) LM2727 Datasheet HTML 3Page - National Semiconductor (TI) LM2727 Datasheet HTML 4Page - National Semiconductor (TI) LM2727 Datasheet HTML 5Page - National Semiconductor (TI) LM2727 Datasheet HTML 6Page - National Semiconductor (TI) LM2727 Datasheet HTML 7Page - National Semiconductor (TI) LM2727 Datasheet HTML 8Page - National Semiconductor (TI) LM2727 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC
7V
BOOTV
21V
Junction Temperature
150˚C
Storage Temperature
−65˚C to 150˚C
Soldering Information
Lead Temperature
(soldering, 10sec)
260˚C
Infrared or Convection (20sec)
235˚C
ESD Rating
2 kV
Operating Ratings
Supply Voltage (V
CC)
4.5V to 5.5V
Junction Temperature Range
−40˚C to +125˚C
Thermal Resistance (
θ
JA)
155˚C/W
Electrical Characteristics
V
CC = 5V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA=TJ=+25˚C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are guaranteed by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
FB_ADJ
FB Pin Voltage
V
CC = 4.5V, 0˚C to +125˚C
0.591
0.6
0.609
V
V
CC = 5V, 0˚C to +125˚C
0.591
0.6
0.609
V
CC = 5.5V, 0˚C to +125˚C
0.591
0.6
0.609
V
CC = 4.5V, −40˚C to +125˚C
0.589
0.6
0.609
V
CC = 5V, −40˚C to +125˚C
0.589
0.6
0.609
V
CC = 5.5V, −40˚C to +125˚C
0.589
0.6
0.609
V
ON
UVLO Thresholds
Rising
Falling
4.2
3.6
V
I
Q-V5
Operating V
CC Current
SD = 5V, FB = 0.55V
Fsw = 600kHz
1
1.5
2
mA
SD = 5V, FB = 0.65V
Fsw = 600kHz
0.8
1.7
2.2
Shutdown V
CC Current
SD = 0V
0.15
0.4
0.7
mA
t
PWGD1
PWGD Pin Response Time
FB Voltage Going Up
6
µs
t
PWGD2
PWGD Pin Response Time
FB Voltage Going Down
6
µs
I
SD
SD Pin Internal Pull-up Current
20
µA
I
SS-ON
SS Pin Source Current
SS Voltage = 2.5V
0˚C to +125˚C
-40˚C to +125˚C
8
5
11
11
15
15
µA
I
SS-OC
SS Pin Sink Current During Over
Current
SS Voltage = 2.5V
95
µA
I
SEN-TH
I
SEN Pin Source Current Trip
Point
0˚C to +125˚C
-40˚C to +125˚C
35
28
50
50
65
65
µA
ERROR AMPLIFIER
GBW
Error Amplifier Unity Gain
Bandwidth
5
MHz
G
Error Amplifier DC Gain
60
dB
SR
Error Amplifier Slew Rate
6
V/µA
I
FB
FB Pin Bias Current
FB = 0.55V
FB = 0.65V
0
0
15
30
100
155
nA
I
EAO
EAO Pin Current Sourcing and
Sinking
V
EAO = 2.5, FB = 0.55V
V
EAO = 2.5, FB = 0.65V
2.8
0.8
mA
V
EA
Error Amplifier Maximum Swing
Minimum
Maximum
1.2
3.2
V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com