Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2727 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2727
Description  N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2727 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2727 Datasheet HTML 12Page - National Semiconductor (TI) LM2727 Datasheet HTML 13Page - National Semiconductor (TI) LM2727 Datasheet HTML 14Page - National Semiconductor (TI) LM2727 Datasheet HTML 15Page - National Semiconductor (TI) LM2727 Datasheet HTML 16Page - National Semiconductor (TI) LM2727 Datasheet HTML 17Page - National Semiconductor (TI) LM2727 Datasheet HTML 18Page - National Semiconductor (TI) LM2727 Datasheet HTML 19Page - National Semiconductor (TI) LM2727 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Example Circuits (Continued)
The circuits in Figure 6 are intended for ADSL applications,
where the high switching frequency keeps noise out of the
data transmission range. In this design, the 1.8 and 3.3V
outputs come up simultaneously by using the same softstart
capacitor. Because two current sources now charge the
same capacitor, the capacitance must be doubled to achieve
the same softstart time. (Here, 40nF is used to achieve a
5ms softstart time.) A common softstart capacitor means
that, should one circuit enter current limit, the other circuit
will also enter current limit. In addition, if both circuits are
built with the LM2727, a UVP or OVP fault on one circuit will
cause both circuits to latch off. The additional compensation
components Rc2 and Cc3 are needed for the low ESR, all
ceramic output capacitors, and the wide (3x) range of Vin.
20049407
FIGURE 6. 1.8V and 3.3V, 1A, 1.4MHz, Simultaneous
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com