Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2750 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2750
Description  Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2750 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2750 Datasheet HTML 2Page - National Semiconductor (TI) LM2750 Datasheet HTML 3Page - National Semiconductor (TI) LM2750 Datasheet HTML 4Page - National Semiconductor (TI) LM2750 Datasheet HTML 5Page - National Semiconductor (TI) LM2750 Datasheet HTML 6Page - National Semiconductor (TI) LM2750 Datasheet HTML 7Page - National Semiconductor (TI) LM2750 Datasheet HTML 8Page - National Semiconductor (TI) LM2750 Datasheet HTML 9Page - National Semiconductor (TI) LM2750 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 3.6V, TA =25
oC, C
IN =
2.2µF, C
FLY = 1.0µF, COUT = 2.2µF. Capacitors are low-ESR multi-layer ceramic capacitors (MLCC’s).
Output Voltage vs. Output Current
Output Voltage vs. Output Current
20035115
20035116
Output Voltage vs. Input Voltage
Power Efficiency
20035117
20035118
Input Current vs. Output Current
Quiescent Supply Current
20035119
20035120
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com