Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2750 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2750
Description  Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2750 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2750 Datasheet HTML 1Page - National Semiconductor (TI) LM2750 Datasheet HTML 2Page - National Semiconductor (TI) LM2750 Datasheet HTML 3Page - National Semiconductor (TI) LM2750 Datasheet HTML 4Page - National Semiconductor (TI) LM2750 Datasheet HTML 5Page - National Semiconductor (TI) LM2750 Datasheet HTML 6Page - National Semiconductor (TI) LM2750 Datasheet HTML 7Page - National Semiconductor (TI) LM2750 Datasheet HTML 8Page - National Semiconductor (TI) LM2750 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM2750
Low Noise Switched Capacitor Boost Regulator
General Description
The LM2750 is a regulated switched-capacitor doubler that
produces a low-noise output voltage. The 5.0V output volt-
age option (LM2750-5.0) can supply up to 120mA of output
current over a 2.9V to 5.6V input range, as well as up to
40mA of output current when the input voltage is as low as
2.7V. An adjustable output voltage option with similar output
current capabilities is also available (LM2750-ADJ). The
LM2750 has been placed in National’s 10-pin LLP, a pack-
age with excellent thermal properties that keeps the part
from overheating under almost all rated operating conditions
A perfect fit for space-constrained, battery-powered applica-
tions, the LM2750 requires only 3 external components: one
input capacitor, one output capacitor, and one flying capaci-
tor. Small, inexpensive ceramic capacitors are recom-
mended for use. These capacitors, in conjunction with the
1.7MHz fixed switching frequency of the LM2750, yield low
output voltage ripple, beneficial for systems requiring a low-
noise supply. Pre-regulation minimizes input current ripple,
reducing input noise to negligible levels.
A tightly controlled soft-start feature limits inrush currents
during part activation. Shutdown completely disconnects the
load from the input. Output current limiting and thermal
shutdown circuitry protect both the LM2750 and connected
devices in the event of output shorts or excessive current
loads.
Features
n
Inductorless solution: Application requires only 3 small
ceramic capacitors
n
Fixed 5.0V output and adjustable output voltage options
available
n
85% Peak Efficiency
70% Average Efficiency over Li-Ion Input Range
(2.9V-to-4.2V)
n
Output Current up to 120mA with 2.9V
≤ V
IN
≤ 5.6V
Output Current up to 40mA with 2.7V
≤ V
IN
≤ 2.9V
n
Wide Input Voltage Range: 2.7V to 5.6V
n
Fixed 1.7MHz switching frequency for a low-noise,
low-ripple output signal
n
Pre-regulation minimizes input current ripple, keeping
the battery line (V
IN) virtually noise-free
n
Tiny LLP package with outstanding power dissipation:
Usually no derating required.
n
Shutdown Supply Current less than 2µA
Applications
n
White and Colored LED-based Display Lighting
n
Cellular Phone SIM cards
n
Audio Amplifier Power Supplies
n
General Purpose Li-Ion-to-5V Conversion
Typical Application Circuit
20035101
July 2004
© 2004 National Semiconductor Corporation
DS200351
www.national.com


Similar Part No. - LM2750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2750 TI-LM2750 Datasheet
1Mb / 24P
LM2750 Low Noise Switched Capacitor Boost Regulator
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750 TI2-LM2750 Datasheet
1Mb / 29P
LM2750 Low-Noise Switched-Capacitor Boost Regulator
REVISED APRIL 2016
LM2750-ADJ TI1-LM2750-ADJ Datasheet
1Mb / 29P
LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750-ADJ TI2-LM2750-ADJ Datasheet
1Mb / 29P
LM2750 Low-Noise Switched-Capacitor Boost Regulator
REVISED APRIL 2016
More results

Similar Description - LM2750

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L Datasheet
271Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Texas Instruments
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
Low Noise Regulated Switched Capacitor Voltage Inverter
logo
Linear Technology
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com