Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS33TR Datasheet(PDF) 58 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 58 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 54Page - STMicroelectronics LSM6DS33TR Datasheet HTML 55Page - STMicroelectronics LSM6DS33TR Datasheet HTML 56Page - STMicroelectronics LSM6DS33TR Datasheet HTML 57Page - STMicroelectronics LSM6DS33TR Datasheet HTML 58Page - STMicroelectronics LSM6DS33TR Datasheet HTML 59Page - STMicroelectronics LSM6DS33TR Datasheet HTML 60Page - STMicroelectronics LSM6DS33TR Datasheet HTML 61Page - STMicroelectronics LSM6DS33TR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
Register description
LSM6DS33
58/77
DocID027423 Rev 4
9.31
OUTZ_H_G (27h)
Angular rate sensor Yaw axis (Z) angular rate output register (r). The value is expressed as a 16-bit
word in two’s complement.
9.32
OUTX_L_XL (28h)
Linear acceleration sensor X-axis output register (r). The value is expressed as a 16-bit word in two’s
complement.
9.33
OUTX_H_XL (29h)
Linear acceleration sensor X-axis output register (r). The value is expressed as a 16-bit word in two’s
complement.
9.34
OUTY_L_XL (2Ah)
Linear acceleration sensor Y-axis output register (r). The value is expressed as a 16-bit word in two’s
complement.
Table 91. OUTZ_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 92. OUTZ_H_G register description
D[15:8]
Yaw axis (Z) angular rate value (MSbyte)
Table 93. OUTX_L_XL register
D7
D6
D5
D4
D3
D2
D1
D0
Table 94. OUTX_L_XL register description
D[7:0]
X-axis linear acceleration value (LSbyte)
Table 95. OUTX_H_XL register
D15
D14
D13
D12
D11
D10
D9
D8
Table 96. OUTX_H_XL register description
D[15:8]
X-axis linear acceleration value (MSbyte)
Table 97. OUTY_L_XL register
D7
D6
D5
D4
D3
D2
D1
D0
Table 98. OUTY_L_XL register description
D[7:0]
Y-axis linear acceleration value (LSbyte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com