Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS33TR Datasheet(PDF) 51 Page - STMicroelectronics

Part # LSM6DS33TR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33TR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button LSM6DS33TR Datasheet HTML 47Page - STMicroelectronics LSM6DS33TR Datasheet HTML 48Page - STMicroelectronics LSM6DS33TR Datasheet HTML 49Page - STMicroelectronics LSM6DS33TR Datasheet HTML 50Page - STMicroelectronics LSM6DS33TR Datasheet HTML 51Page - STMicroelectronics LSM6DS33TR Datasheet HTML 52Page - STMicroelectronics LSM6DS33TR Datasheet HTML 53Page - STMicroelectronics LSM6DS33TR Datasheet HTML 54Page - STMicroelectronics LSM6DS33TR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
DocID027423 Rev 4
51/77
LSM6DS33
Register description
77
9.16
CTRL6_C (15h)
Angular rate sensor control register 6 (r/w).
Table 55. Output registers rounding pattern
ROUNDING[2:0]
Rounding pattern
000
No rounding
001
Accelerometer only
010
Gyroscope only
011
Gyroscope + accelerometer
Table 56. Angular rate sensor self-test mode selection
ST1_G
ST0_G
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Not allowed
1
1
Negative sign self-test
Table 57. Linear acceleration sensor self-test mode selection
ST1_XL
ST0_XL
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign self-test
1
1
Not allowed
Table 58. CTRL6_C register
TRIG_EN
LVLen
LVL2_EN
XL_HM_MODE
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
0(1)
0(1)
Table 59. CTRL6_C register description
TRIG_EN
Gyroscope data edge-sensitive trigger enable. Default value: 0
(0: external trigger disabled; 1: external trigger enabled)
LVLen
Gyroscope data level-sensitive trigger enable. Default value: 0
(0: level-sensitive trigger disabled; 1: level sensitive trigger enabled)
LVL2_EN
Gyroscope level-sensitive latched enable. Default value: 0
(0: level-sensitive latched disabled; 1: level sensitive latched enabled)
XL_HM_MODE
High-performance operating mode disable for accelerometer(1). Default value: 0
(0: high-performance operating mode enabled;
1: high-performance operating mode disabled)
1. Normal and low-power mode depends on the ODR setting, for details refer to Table 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com