Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSL Datasheet(PDF) 94 Page - STMicroelectronics

Part # LSM6DSL
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSL Datasheet(HTML) 94 Page - STMicroelectronics

Back Button LSM6DSL Datasheet HTML 90Page - STMicroelectronics LSM6DSL Datasheet HTML 91Page - STMicroelectronics LSM6DSL Datasheet HTML 92Page - STMicroelectronics LSM6DSL Datasheet HTML 93Page - STMicroelectronics LSM6DSL Datasheet HTML 94Page - STMicroelectronics LSM6DSL Datasheet HTML 95Page - STMicroelectronics LSM6DSL Datasheet HTML 96Page - STMicroelectronics LSM6DSL Datasheet HTML 97Page - STMicroelectronics LSM6DSL Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 113 page
background image
Register description
LSM6DSL
94/113
DocID028475 Rev 5
9.91
X_OFS_USR (73h)
Accelerometer X-axis user offset correction (r/w)
9.92
Y_OFS_USR (74h)
Accelerometer Y-axis user offset correction (r/w)
9.93
Z_OFS_USR (75h)
Accelerometer Z-axis user offset correction (r/w)
Table 216. X_OFS_USR register
X_OFS_
USR_7
X_OFS_
USR_6
X_OFS_
USR_5
X_OFS_
USR_4
X_OFS_
USR_3
X_OFS_
USR_2
X_OFS_
USR_1
X_OFS_
USR_0
Table 217. X_OFS_USR register description
X_OFS_USR_
[7:0]
Accelerometer X-axis user offset correction expressed in two’s complement,
weight depends on CTRL6_C(4) bit. The value must be in the range [-127 127].
Table 218. Y_OFS_USR register
Y_OFS_
USR_7
Y_OFS_
USR_6
Y_OFS_
USR_5
Y_OFS_
USR_4
Y_OFS_
USR_3
Y_OFS_
USR_2
Y_OFS_
USR_1
Y_OFS_
USR_0
Table 219. Y_OFS_USR register description
Y_OFS_USR_
[7:0]
Accelerometer Y-axis user offset correction expressed in two’s complement,
weight depends on CTRL6_C(4) bit. The value must be in the range [-127 127].
Table 220. Z_OFS_USR register
Z_OFS_
USR_7
Z_OFS_
USR_6
Z_OFS_
USR_5
Z_OFS_
USR_4
Z_OFS_
USR_3
Z_OFS_
USR_2
Z_OFS_
USR_1
Z_OFS_
USR_0
Table 221. Z_OFS_USR register description
Z_OFS_USR_
[7:0]
Accelerometer Z-axis user offset correction expressed in two’s complement,
weight depends on CTRL6_C(4) bit. The value must be in the range [-127 127].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com