Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L011E3 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32L011E3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011E3 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32L011E3 Datasheet HTML 57Page - STMicroelectronics STM32L011E3 Datasheet HTML 58Page - STMicroelectronics STM32L011E3 Datasheet HTML 59Page - STMicroelectronics STM32L011E3 Datasheet HTML 60Page - STMicroelectronics STM32L011E3 Datasheet HTML 61Page - STMicroelectronics STM32L011E3 Datasheet HTML 62Page - STMicroelectronics STM32L011E3 Datasheet HTML 63Page - STMicroelectronics STM32L011E3 Datasheet HTML 64Page - STMicroelectronics STM32L011E3 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 115 page
background image
Electrical characteristics
STM32L011x3/4
61/115
DocID027973 Rev 4
Table 32. Peripheral current consumption in run or Sleep mode(1)
1. Data based on differential IDD measurement between all peripherals OFF an one peripheral with clock
enabled, in the following conditions: fHCLK = 32 MHz (range 1), fHCLK = 16 MHz (range 2), fHCLK = 4 MHz
(range 3), fHCLK = 64kHz (Low-power run/sleep), fAPB1 = fHCLK, fAPB2 = fHCLK, default prescaler value for
each peripheral. The CPU is in Sleep mode in both cases. No I/O pins toggling. Not tested in production.
Peripheral
Typical consumption, VDD = 3.0 V, TA = 25 °C
Unit
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
Low-power
sleep and
run
APB1
WWDG
2.5
2
1.6
2
µA/MHz
(fHCLK)
LPUART1
8.3
7.2
5.4
7.2
I2C1
11
8.2
6.8
8.9
LPTIM1
14
11
8.7
11
TIM2
10.5
8.5
6.4
8.5
USART2
8.5
6.8
5.4
7.1
APB2
ADC1(2)
2. HSI oscillator is OFF for this measure.
5.0
3.9
3.3
4
µA/MHz
(fHCLK)
SPI1
4.5
3.5
2.9
3.6
TIM21
6.8
6.1
4.5
5.6
DBGMCU
1.7
1.7
1.1
1.4
SYSCFG/
COMP
2.5
2.4
1.6
2.3
Cortex-
M0+ core
I/O port
GPIOA
7.6
6.3
4.9
6.5
µA/MHz
(fHCLK)
GPIOB
5.1
4.1
3.2
4
GPIOC
1.1
0.7
0.6
0.8
AHB
CRC
1.5
1.1
1
1.2
µA/MHz
(fHCLK)
FLASH(3)
3. These values correspond to the Flash memory dynamic current consumption. The Flash memory static
consumption (Flash memory ON) equals 12 µA and does not depend on the frequency.
The Flash memory consumption is already taken into account in all the supply current consumption tables
(Flash memory ON cases).
10
8.5
7
8.5
DMA1
5.3
4.2
3.5
4.8
All enabled
96
80
62
88
PWR
2.1
1.9
1.4
1.8
µA/MHz
(fHCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com