Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L011E3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32L011E3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011E3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32L011E3 Datasheet HTML 7Page - STMicroelectronics STM32L011E3 Datasheet HTML 8Page - STMicroelectronics STM32L011E3 Datasheet HTML 9Page - STMicroelectronics STM32L011E3 Datasheet HTML 10Page - STMicroelectronics STM32L011E3 Datasheet HTML 11Page - STMicroelectronics STM32L011E3 Datasheet HTML 12Page - STMicroelectronics STM32L011E3 Datasheet HTML 13Page - STMicroelectronics STM32L011E3 Datasheet HTML 14Page - STMicroelectronics STM32L011E3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
Description
STM32L011x3/4
11/115
DocID027973 Rev 4
2.1
Device overview
Table 2. Ultra-low-power STM32L011x3/x4 device features and peripheral counts
Peripheral
STM32
L011D3
STM32
L011F3
STM32
L011E3
STM32
L011G3
STM32
L011K3
STM32
L011D4
STM32
L011F4
STM32
L011E4
STM32
L011G4
STM32
L011K4
Flash (Kbytes)
816
Data EEPROM (bytes)
512
RAM (Kbytes)
2
Timers
General-
purpose
2
LPTIM
1
RTC/SYSTICK/IWDG/
WWDG
1/1/1/1
Communi-
cation
interfaces
SPI
1
I2C
1
USART
1
LPUART
1
GPIOs
11
16
21
24
26/28(1)
11
16
21
24
26/28(1)
Clocks:
HSE(2)/LSE/HSI/MSI/LSI
1/1/1/1/1
12b synchronized ADC
Number of channels
1
4
1
7/9(3)
1
10
1
4
1
7/9(3)
1
10
Comparators
2
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V (down to 1.65 V at power-down) with BOR option
1.65 V to 3.6 V without BOR option
Operating
temperatures
Ambient temperature: –40 to +125 °C
Junction temperature: –40 to +130 °C
Packages
TSSOP
14
TSSOP/
UFQFPN
20
WLCSP
25
UFQFPN
28
LQFP/
UFQFPN
32
TSSOP
14
TSSOP/
UFQFPN
20
WLCSP
25
UFQFPN
28
LQFP/,
UFQFPN
32
1. The devices feature 26 and 28 GPIOs on LQFP32 and UFQFPN32, respectively.
2. HSE available only as external clock input (HSE bypass).
3. The devices feature 7 and 9 ADC channels on UFQFPN20 and TSSOP20, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com