Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L031X4 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32L031X4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031X4 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32L031X4 Datasheet HTML 52Page - STMicroelectronics STM32L031X4 Datasheet HTML 53Page - STMicroelectronics STM32L031X4 Datasheet HTML 54Page - STMicroelectronics STM32L031X4 Datasheet HTML 55Page - STMicroelectronics STM32L031X4 Datasheet HTML 56Page - STMicroelectronics STM32L031X4 Datasheet HTML 57Page - STMicroelectronics STM32L031X4 Datasheet HTML 58Page - STMicroelectronics STM32L031X4 Datasheet HTML 59Page - STMicroelectronics STM32L031X4 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 118 page
background image
Electrical characteristics
STM32L031x4/6
56/118
DocID027063 Rev 4
Table 24. Current consumption in Run mode, code with data processing running
from Flash memory
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD
(Run
from
Flash)
Supply
current in
Run mode,
code
executed
from Flash
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL on)(2)
Range 3, VCORE=1.2 V
VOS[1:0]=11
1 MHz
140
200
µA
2 MHz
245
310
4MHz
460
540
Range 2, VCORE=1.5 V,
VOS[1:0]=10,
4 MHz
0.56
0.63
mA
8 MHz
1.1
1.2
16 MHz
2.1
2.3
Range 1, VCORE=1.8 V,
VOS[1:0]=01
8 MHz
1.25
1.4
16 MHz
2.5
2.7
32 MHz
5
5.6
HSI clock
Range 2, VCORE=1.5 V,
VOS[1:0]=10,
16 MHz
2.1
2.4
Range 1, VCORE=1.8 V,
VOS[1:0]=01
32 MHz
5.1
5.7
MSI clock
Range 3, VCORE=1.2 V,
VOS[1:0]=11
65 kHz
34.5
110
µA
524 kHz
86
150
4.2 MHz
505
570
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Table 25. Current consumption in Run mode vs code type,
code with data processing running from Flash memory
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
IDD
(Run
from
Flash)
Supply
current in
Run mode,
code
executed
from Flash
memory
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(1)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
Dhrystone
4 MHz
460
µA
CoreMark
455
Fibonacci
330
while(1)
305
while(1), prefetch
OFF
320
Range 1,
VOS[1:0]=01,
VCORE=1.8 V
Dhrystone
32 MHz
5
mA
CoreMark
5.15
Fibonacci
5
while(1)
4.35
while(1), prefetch
OFF
3.85
1. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com