Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L031X4 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32L031X4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031X4 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32L031X4 Datasheet HTML 57Page - STMicroelectronics STM32L031X4 Datasheet HTML 58Page - STMicroelectronics STM32L031X4 Datasheet HTML 59Page - STMicroelectronics STM32L031X4 Datasheet HTML 60Page - STMicroelectronics STM32L031X4 Datasheet HTML 61Page - STMicroelectronics STM32L031X4 Datasheet HTML 62Page - STMicroelectronics STM32L031X4 Datasheet HTML 63Page - STMicroelectronics STM32L031X4 Datasheet HTML 64Page - STMicroelectronics STM32L031X4 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 118 page
background image
DocID027063 Rev 4
61/118
STM32L031x4/6
Electrical characteristics
95
Figure 17. IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Low-power run mode, code running
from RAM, Range 3, MSI (Range 0) at 64 KHz, 0 WS
Table 30. Current consumption in Low-power Sleep mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD
(LP Sleep)
Supply
current in
Low-power
sleep mode
All peripherals
off, VDD from
1.65 V to 3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
Flash memory OFF
TA = -40 °C to 25 °C 3.2(2)
-
µA
MSI clock, 65 kHz
fHCLK = 32 kHz
Flash memory ON
TA = -40 °C to 25 °C
13
19
TA = 85 °C
16
21
TA = 105 °C
18.5
24
TA = 125 °C
23.5
32
MSI clock, 65 kHz
fHCLK = 65 kHz,
Flash memory ON
TA = -40 °C to 25 °C
13.5
19
TA = 85 °C
16.5
21
TA = 105 °C
18.5
24
TA = 125 °C
24
33
MSI clock, 131 kHz
fHCLK = 131 kHz,
Flash memory ON
TA = -40 °C to 25 °C
15.5
21
TA = 55 °C
17.5
22
TA = 85 °C
18.5
23
TA = 105 °C
21
26
TA = 125 °C
26
35
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.
2. As the CPU is in Sleep mode, the difference between the current consumption with Flash memory ON and OFF (nearly
12 µA) is the same whatever the clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com