Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L031F4 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32L031F4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031F4 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32L031F4 Datasheet HTML 55Page - STMicroelectronics STM32L031F4 Datasheet HTML 56Page - STMicroelectronics STM32L031F4 Datasheet HTML 57Page - STMicroelectronics STM32L031F4 Datasheet HTML 58Page - STMicroelectronics STM32L031F4 Datasheet HTML 59Page - STMicroelectronics STM32L031F4 Datasheet HTML 60Page - STMicroelectronics STM32L031F4 Datasheet HTML 61Page - STMicroelectronics STM32L031F4 Datasheet HTML 62Page - STMicroelectronics STM32L031F4 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 118 page
background image
DocID027063 Rev 4
59/118
STM32L031x4/6
Electrical characteristics
95
Table 28. Current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD (Sleep)
Supply current
in Sleep
mode, Flash
memory OFF
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
1 MHz
36.5
87
µA
2 MHz
58
100
4 MHz
100
170
Range 2,
VCORE=1.5 V,
VOS[1:0]=10
4 MHz
125
190
8 MHz
230
310
16 MHz
450
540
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
8 MHz
275
360
16 MHz
555
650
32 MHz
1350
1600
HSI16 clock source
(16 MHz)
Range 2,
VCORE=1.5 V,
VOS[1:0]=10
16 MHz
585
690
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
32 MHz
1500
1700
MSI clock
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
65 kHz
17
43
524 kHz
28
55
4.2 MHz
115
190
Supply current
in Sleep
mode, Flash
memory ON
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
1 MHz
49
160
2 MHz
69
190
4 MHz
115
230
Range 2,
CORE=1.5 V,
VOS[1:0]=10
4 MHz
135
200
8 MHz
240
320
16 MHz
460
550
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
8 MHz
290
370
16 MHz
565
670
32 MHz
1350
1600
HSI16 clock source
(16 MHz)
Range 2,
VCORE=1.5 V,
VOS[1:0]=10
16 MHz
600
700
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
32 MHz
1500
1700
MSI clock
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
65 kHz
28
55
524 kHz
39.5
67
4.2 MHz
125
200
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com